Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD42D Datasheet(PDF) 2 Page - LightGraphix

Part # LD42D
Description  LED WALL LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42D Datasheet(HTML) 2 Page - LightGraphix

  LD42D Datasheet HTML 1Page - LightGraphix LD42D Datasheet HTML 2Page - LightGraphix LD42D Datasheet HTML 3Page - LightGraphix LD42D Datasheet HTML 4Page - LightGraphix LD42D Datasheet HTML 5Page - LightGraphix LD42D Datasheet HTML 6Page - LightGraphix LD42D Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LD42D
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 7 | Data sheet issued: 8 April 2026
Product
LD42D
LD42D with Tilt lens
Engine
C1
C1
Beam angles
12°, 31°, 50°, 30° x 66°
26°, 31°, 40°, 25° x 57°
LED manufacturer
NICHIA
NICHIA
Colour temperature*
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current
350mA
500mA
350mA
500mA
LED power (Max)**
1.2W
1.7W
1.2W
1.7W
Delivered lumens (L100)*
61
73
57
69
Lumens per circuit watt
58
49
54
46
CRI (Typ)
93
93
Forward voltage (V100)
3.2V
3.2V
Colour consistency
2 SDCM
2 SDCM
Peak intensity
448 cd
371 cd
LED Lumens
157lm
157lm
LOR
0.34
0.32
TM30
RF92
RG100
RF92
RG99
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD42D-C1-500-NB and LD42D-C1-500-NB
*Lumen output data applies to all colour temperatures
**I
ndicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
LD42D
WHITE LED ENGINE SPECIFICATION
MECHANICAL
350mA
500mA
Ambient temperature
55°C
C1
-20°C to 55°C
-20°C to 50°C
AUS/NZ
-20°C to 25°C
-20°C to 25°C
Glass
1.2mm thick low iron glass
Materials
316 stainless steel bezel and body, stainless steel spring clips, acetal sleeve and rubber o-rings
Weight of product
0.078kg
IP rating
IP67
Wiring
In-series constant current wiring (pre-wired with 2 x single core cable at a length of 150mm)
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 6 for replacement parts
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com