Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD43G Datasheet(PDF) 2 Page - LightGraphix

Part # LD43G
Description  WALL LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43G Datasheet(HTML) 2 Page - LightGraphix

  LD43G Datasheet HTML 1Page - LightGraphix LD43G Datasheet HTML 2Page - LightGraphix LD43G Datasheet HTML 3Page - LightGraphix LD43G Datasheet HTML 4Page - LightGraphix LD43G Datasheet HTML 5Page - LightGraphix LD43G Datasheet HTML 6Page - LightGraphix LD43G Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LD43G
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 7 | Data sheet issued: 8 April 2026
Engine
C1
Beam angles
12°, 31°, 48°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current
350mA
500mA
LED power (Max)**
1.2W
1.7W
Delivered lumens (L100)*
103
134
Lumens per circuit watt
86
79
Forward voltage (V100)
3V
3.2V
CRI (Typ)
93
93
Colour consistency
2 SCDM
Peak intensity
1057 cd
LED Lumens
157lm
LOR
0.84
TM30
RF93
RG100
UGR***
18.3
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD43G-C1-500-LW30-NB
*Lumen output data applies to all colour temperatures
** I
ndicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
***UGR values based on room parameters of 4H 8H, C70 W50 F20
LD43A and LD43W lumen output will be 40% less due to the glare shield - LD43R lumen output will be 77% less - LD43AR lumen output will be 73% less
WHITE LED ENGINE SPECIFICATION
MECHANICAL
350mA
500mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 50°C
Glass
3mm thick borosilicate glass with ceramic screen print
Materials
Black anodised aluminium body with black anodised bezel and glass front
IP rating
IP66
Wiring
In-series constant current wiring (pre-wired with 2 x single core cable at a length of 150mm*)
*Extendable cables available up to 2M. For longer cables see the LD44G
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 5 for replacement parts
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com