Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD47 Datasheet(PDF) 4 Page - LightGraphix

Part # LD47
Description  STEP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD47 Datasheet(HTML) 4 Page - LightGraphix

  LD47 Datasheet HTML 1Page - LightGraphix LD47 Datasheet HTML 2Page - LightGraphix LD47 Datasheet HTML 3Page - LightGraphix LD47 Datasheet HTML 4Page - LightGraphix LD47 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LD47
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 5 | Data sheet issued: 19 March 2026
RLE - REPLACEABLE LIGHT ENGINES
LD56 RLE REPLACEMENT PARTS
RLE 1 ENGINE
RLE1/
Super Warm White
(2200K)
/LW22
Extra Warm White
(2700K)
/LW27
Warm White
(3000K)
/LW30
White
(4000K) - on request
/LW40
Cool White
(5000K)
/LW50
Narrow beam
16mm optic
RLE/OP-16/NB
Medium beam
16mm optic
RLE/OP-16/MB
Wide beam 16mm
optic
RLE/OP-16/WB
Oval beam 16mm
optic
RLE/OP-16/OB
Dowel pin for
Oval beam orientation
RLE1/OP-16/DP
O-ring
RLE/OR2
Threaded back plate
RLE/TBP
Please use the configurator below to specify your replacement engine and optic.
If you are unsure of your original specifications, please check the label on your
LightGraphix fitting, or get in touch with our sales team. Installation sheets will be
supplied with the new components.
RLE1/
1
What is RLE
On the surface, RLE is LightGraphix’s answer to the Circular economy question that is facing many industries at the
moment. However for us, RLE is an ethos; a commitment that LightGraphix will factor in the principles of good circular
design into all of its future product design. It allows us to offer luminaires that contain replaceable, energy-efficient light
engines. This gives customers the ability to refurbish existing lighting installations rather have having to replace the entire
luminaire. This will fall into two types of refurbishments: replaceable, and repairable.
RLE Engines
Repairs can be conducted on any site worldwide, or in our factory, with a small tool. Simply swap out the singular modular
LED insert, and replace it with another, along with a new optic, which are both supplied by us. The warranty provided with
the product with vary based on who is performing RLE repairs. There are three types of RLE engine, categorised based on
the size of the product. RLE1 is the smallest, with RLE3 being the largest.
Threaded back plate
RLE 1 ENGINE
Dowel Pin
Heatsink
Optic
LED
O-ring
RLE Engine
LED Colour
Beam Angle
Accessories



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com