Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22015-001 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A22015-001
Description  PIN MALE MICRO CIRCULAR CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A22015-001 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A22015-001 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIRD ANGLE
.220
5.59
3
5
1
4
ACTUAL SIZE
.043
1.09
.050 (TYP)
1.27
.025 (TYP)
0.64
.011
0.27
SUGGESTED
HOLE PATTERN
.187
4.75
.320
8.13
.10
2.5
EPOXY FLUSH
TO UNDERFLUSH
SOLDER COATED
.019 X .005 (TYP)
[0.48] [0.13]
.011
0.27
.043
1.10
.025
0.64
.050
1.27
REF: OMNETICS
MATERIALS & SPECIFICATIONS
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER ASTM
D5138.
CONTACT:
BERYLLIUM COPPER PER ASTM B194, C17200.
GOLD PLATED PER ASTM B488, (HARD GOLD)
TYPE II CODE C CLASS 1.27.
(CONTACT MATING AREA ONLY)
TERMINATION:
BERYLLIUM COPPER PER ASTM B194, C17200.
MATTE SOLDER PLATE .0001-.0002 THICK PER
AMS-P-81728.
CURRENT CAPACITY:
3 AMP MAX.
CONTACT RESISTANCE:
26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND PASSED THE
PERFORMANCE SPECIFICATIONS OF TABLE VII OF
MIL-DTL-83513.
NOTE:
DIMENSIONS IN [ ] ARE IN
MILLIMETERS UNLESS
OTHERWISE NOTED AND ARE
FOR REFERENCE ONLY
PART NO.
REV
ECO
DATE
APP
REV
TITLE:
-TOLERANCES-
UNLESS OTHERWISE NOTED
SCALE: 4:1
SHEET 1 OF 1
DWG NO.
DATE
DATE
DATE
DFTM. TEP
CHK'D.
APP'D.
4/7/2006
DIMENSIONS IN INCHES
CAGE CODE
61873
D
104194
HV
01-30-18
7260 COMMERCE CIRCLE EAST
MINNEAPOLIS, MN 55432
WWW.OMNETICS.COM
THIS DRAWING CONTAINS CONFIDENTIAL AND PROPRIETARY INFORMATION WHICH IS THE PROPERTY OF
OMNETICS CONNECTOR CORP. THIS DOCUMENT MAY NOT, IN WHOLE OR IN PART, BE DUPLICATED, OR
DISCLOSED FOR ANY PURPOSE, WITHOUT WRITTEN PERMISSION FROM OMNETICS CONNECTOR CORP.
(5) PIN MALE
CONNECTOR
MICRO CIRCULAR
D
A22015-001
A22015-001
2 PL DEC
3 PL DEC
4 PL DEC
ANGLES
.01
.005
.0005
1


Similar Part No. - A22015-001

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2201 OMRON-A2201 Datasheet
6Mb / 30P
G5RL-1A-E-HR-DC24
logo
Omnetics Connector Corp...
A22012-001 OMNETICS-A22012-001 Datasheet
110Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
08-29-12
A22013-001 OMNETICS-A22013-001 Datasheet
110Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR
05-18-12
A22014-001 OMNETICS-A22014-001 Datasheet
68Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR
05-06-10
A22016-001 OMNETICS-A22016-001 Datasheet
74Kb / 1P
SOCKET MALE MICRO CIRCULAR CONNECTOR
07-13-10
More results

Similar Description - A22015-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWKQ2L6-7S-4K1 GLENAIR-MWKQ2L6-7S-4K1 Datasheet
227Kb / 3P
MWKQ Micro Circular Quick Disconnect
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
Special Micro Circular Quick Disconnect Receptacle
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
SDS-80J-SMT CUI-SDS-80J-SMT Datasheet
291Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 8 PIN
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
Molex Electronics Ltd.
1065031200 MOLEX11-1065031200 Datasheet
35Kb / 1P
Circular MT Connector MT Ferrule, 50/125 Micro Meter Fiber Core
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
Standard Circular Connector
logo
Ulti-Mate Connector Inc
SD-811031000 ULTI-MATE-SD-811031000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 5 Pin No Hardware Plastic Shell 125 Max Temp No QPL
02-13-13
SD-811071000 ULTI-MATE-SD-811071000 Datasheet
44Kb / 1P
Micro Circular Solder Cup 9 Pin No Hardware Plastic Shell 125 Max Temp No QPL
08-28-19
SD-811081000 ULTI-MATE-SD-811081000 Datasheet
45Kb / 1P
Micro Circular Solder Cup 16 Pin No Hardware Plastic Shell 125 Max Temp No QPL
05-13-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com