Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68Z128 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68Z128
Description  5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128 Datasheet(HTML) 5 Page - STMicroelectronics

  M68Z128 Datasheet HTML 1Page - STMicroelectronics M68Z128 Datasheet HTML 2Page - STMicroelectronics M68Z128 Datasheet HTML 3Page - STMicroelectronics M68Z128 Datasheet HTML 4Page - STMicroelectronics M68Z128 Datasheet HTML 5Page - STMicroelectronics M68Z128 Datasheet HTML 6Page - STMicroelectronics M68Z128 Datasheet HTML 7Page - STMicroelectronics M68Z128 Datasheet HTML 8Page - STMicroelectronics M68Z128 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
M68Z128
Figure 5. Address Controlled, Read Mode AC Waveforms
Note: E1 = Low, E2 = High, G = Low, W = High.
AI01078
tAVAV
tAVQV
tAXQX
A0-A16
DQ0-DQ7
VALID
DATA VALID
Table 7. Read and Standby Modes AC Characteristics
(TA = 0 to 70°C; VCC = 5V ±10%)
Note: 1. CL = 100pF.
2. CL = 5pF.
3. At any given temperature and voltage condition, tEIHQZ + tEZHQZ is less than tEILQX and tEZLQX, tGHQZ is less than tGLQX for any
given device.
Symbol
Parameter
M68Z128
Unit
-55
Min
Max
tAVAV
Read Cycle Time
55
ns
tAVQV
(1)
Address Valid to Output Valid
55
ns
tE1LQV
(1)
Chip Enable 1 Low to Output Valid
55
ns
tE2HQV
(1)
Chip Enable 2 High to Output Valid
55
ns
tGLQV
(1)
Output Enable Low to Output Valid
20
ns
tE1LQX
(3)
Chip Enable 1 Low to Output Transition
5
ns
tE2HQX
(3)
Chip Enable 2 High to Output Transition
5
ns
tGLQX
(3)
Output Enable Low to Output Transition
0
ns
tE1HQZ
(2,3)
Chip Enable 1 High to Output Hi-Z
20
ns
tE2LQZ
(2,3)
Chip Enable 2 Low to Output Hi-Z
20
ns
tGHQZ
(2,3)
Output Enable High to Output Hi-Z
20
ns
tAXQX
(1)
Address Transition to Output Transition
5
ns
tPU
Chip Enable 1 Low or Chip Enable 2 High to Power Up
0
ns
tPD
Chip Enable 1 High or Chip Enable 2 Low to Power Down
55
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com