Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFTP12 Datasheet(PDF) 4 Page - Clarke International

Part # CFTP12
Description  12V OIL & DIESEL PUMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFTP12 Datasheet(HTML) 4 Page - Clarke International

  CFTP12 Datasheet HTML 1Page - Clarke International CFTP12 Datasheet HTML 2Page - Clarke International CFTP12 Datasheet HTML 3Page - Clarke International CFTP12 Datasheet HTML 4Page - Clarke International CFTP12 Datasheet HTML 5Page - Clarke International CFTP12 Datasheet HTML 6Page - Clarke International CFTP12 Datasheet HTML 7Page - Clarke International CFTP12 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ENVIRONMENTAL PROTECTION
1. Take care to ensure that if diesel fuel is spilt that it is cleaned away using
sand or treated with absorbent granules designed for the purpose.
2. Always make every effort to contain any spillage and prevent ingress into
the local water course.
ELECTRICAL CONNECTION & OPERATION
1. Connect the inlet and outlet hoses
to the pump after removing the
black plastic caps as shown.
NOTE: The black plastic flange
remains fixed to the pump
connection.
2. Connect the inlet and outlet hoses
to the pump using the hose clips
supplied.
• The hose and connections need
to be completely air tight,
otherwise air will be drawn in
and reduce the flow.
• The smaller hose (marked IN) is
designed to fit the dipstick
opening and the larger one is
the outlet hose.
3. Insert the inlet/outlet tubes into the engine dipstick opening and a suitable
container for waste oil.
4. Ensure the ON/OFF switch, located
at the rear of the pump, is set to
the OFF (O) position BEFORE
connecting the pump to the car
battery.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com