Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO184 Datasheet(PDF) 4 Page - Clarke International

Part # PRO184
Description  CORDLESS IMPACT WRENCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PRO184 Datasheet(HTML) 4 Page - Clarke International

  PRO184 Datasheet HTML 1Page - Clarke International PRO184 Datasheet HTML 2Page - Clarke International PRO184 Datasheet HTML 3Page - Clarke International PRO184 Datasheet HTML 4Page - Clarke International PRO184 Datasheet HTML 5Page - Clarke International PRO184 Datasheet HTML 6Page - Clarke International PRO184 Datasheet HTML 7Page - Clarke International PRO184 Datasheet HTML 8Page - Clarke International PRO184 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
WORK ENVIRONMENT
1. Keep the work area clean and tidy and free from trip hazards.
2. DO NOT wear loose clothing or jewellery. Tie long hair out of the way.
3. If wearing gloves, make sure that there is no frayed material that could
catch in rotating parts.
4. DO NOT use in damp or wet conditions. Keep the work area well lit. DO NOT
use where a risk of fire or explosion is present.
5. Although the wrench may be used outdoors, DO NOT leave it exposed to
the elements. AVOID direct sunlight, direct heat, rain/moisture etc.
6. ALWAYS keep body and clothing dry.NEVER work in damp area without
adequate insulation against electric shock.
7. ALWAYS store this product in a secure place out of reach of children or
untrained users.
8. ALWAYS keep equipment dry, especially the battery & battery charger.
9. NEVER over-reach. Keep proper footing and balance at all times and
adopt a comfortable, well balanced working position for ongoing work.
GENERAL USE
1. This product vibrates during use. Vibration may be harmful to your hands or
arms. Stop using the wrench if discomfort, a tingling feeling or pain occurs
and seek medical advice before resuming use.
2. ALWAYS use ear defenders for prolonged work. Exposure to high noise
levels can cause permanent hearing problems.
3. ALWAYS wear impact resistant eye protection in case of flying projectiles.
4. ALWAYS stay alert and use common sense - DO NOT use this product when
you are tired or under the influence of alcohol or medication.
5. ALWAYS ensure the workpiece is firmly secured leaving both hands free to
control the wrench. Hold the impact wrench correctly and be ready to
control sudden movements.
6. ALWAYS check for any damage or condition that could affect the
wrench’s operation. Any damaged part should be properly repaired.
7. NEVER force or misuse the wrench. It will do a better and safer job at the
rate for which it was designed.
8. NEVER use the wrench if it is defective / operating abnormally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com