Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68Z128WN Datasheet(PDF) 10 Page - STMicroelectronics

Part # M68Z128WN
Description  3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128WN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M68Z128WN Datasheet HTML 4Page - STMicroelectronics M68Z128WN Datasheet HTML 5Page - STMicroelectronics M68Z128WN Datasheet HTML 6Page - STMicroelectronics M68Z128WN Datasheet HTML 7Page - STMicroelectronics M68Z128WN Datasheet HTML 8Page - STMicroelectronics M68Z128WN Datasheet HTML 9Page - STMicroelectronics M68Z128WN Datasheet HTML 10Page - STMicroelectronics M68Z128WN Datasheet HTML 11Page - STMicroelectronics M68Z128WN Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M68Z128W
10/12
Table 10. Ordering Information Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M68Z128W
-70
N
1
T
Device Type
M68Z
Device Function
128 = 1 Mbit (128Kb x8)
Operating Voltage
W = 3V +0.6/–0.3V
Speed
-70 = 70 ns
Package
N = TSOP32 type 1 (8 x 20mm)
Temperature Range
1 = 0 to 70 °C
Shipping Method
T = Tape & Reel Packing
Table 11. Revision History
Date
Revision Details
November 1999
First Issue
03/20/00
TSOP32 Package Mechanical Data changed (Table 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com