Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3232C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3232C
Description  3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232C Datasheet(HTML) 1 Page - STMicroelectronics

  ST3232C Datasheet HTML 1Page - STMicroelectronics ST3232C Datasheet HTML 2Page - STMicroelectronics ST3232C Datasheet HTML 3Page - STMicroelectronics ST3232C Datasheet HTML 4Page - STMicroelectronics ST3232C Datasheet HTML 5Page - STMicroelectronics ST3232C Datasheet HTML 6Page - STMicroelectronics ST3232C Datasheet HTML 7Page - STMicroelectronics ST3232C Datasheet HTML 8Page - STMicroelectronics ST3232C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2008
Rev 11
1/18
18
ST3232B
ST3232C
3 to 5.5 V, low power, up to 400 kbps
RS-232 drivers and receivers
Features
300 µA supply current
300 kbps minimum guaranteed data rate
6 V/µs minimum guaranteed slew rate
Meet EIA/TIA-232 specifications down to 3 V
Available in SO-16, SO-16 large and TSSOP16
Description
The ST3232 is a 3 V powered EIA/TIA-232 and
V.28/V.24 communication interface with low power
requirements, high data-rate capabilities.
ST3232 has a proprietary low dropout transmitter
output stage providing true RS-232 performance
from 3 to 5.5 V supplies. The device requires only
four small 0.1 mF standard external capacitors for
operations from 3 V supply.
The ST3232 has two receivers and two drivers.
The device is guaranteed to run at data rates of
250 kbps while maintaining RS-232 output levels.
Typical applications are Notebook, Subnotebook
and Palmtop Computers, Battery Powered
Equipment, Hand-Held Equipment, Peripherals
and Printers.
SO-16 Large
TSSOP16
SO-16
Table 1.
Device summary
Order codes
Temp. range
Package
Packaging
ST3232CDR
0 to 70 °C
SO-16 (tape and reel)
2500 parts per reel
ST3232BDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST3232CWR
0 to 70 °C
SO-16 Large (tape and reel)
1000 parts per reel
ST3232BWR
-40 to 85 °C
SO-16 Large (tape and reel)
1000 parts per reel
ST3232CTR
0 to 70 °C
TSSOP16 (tape and reel)
2500 parts per reel
ST3232BTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3232C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232CD STMICROELECTRONICS-ST3232CD Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232CDR STMICROELECTRONICS-ST3232CDR Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232CN STMICROELECTRONICS-ST3232CN Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232CTR STMICROELECTRONICS-ST3232CTR Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232CW STMICROELECTRONICS-ST3232CW Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
More results

Similar Description - ST3232C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222 STMICROELECTRONICS-ST3222 Datasheet
159Kb / 9P
3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
Oct-2002
ST3232 STMICROELECTRONICS-ST3232 Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232E STMICROELECTRONICS-ST3232E_06 Datasheet
382Kb / 20P
±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
06-Sep-2006
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3232EB STMICROELECTRONICS-ST3232EB_08 Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
ST3243B STMICROELECTRONICS-ST3243B_07 Datasheet
724Kb / 22P
3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
12-Nov-2007
ST3243B STMICROELECTRONICS-ST3243B_11 Datasheet
242Kb / 17P
3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
07-Oct-2011
logo
Texas Instruments
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com