Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6001 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6001
Description  High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6001 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6001 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6001 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DIO6001
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO6001• Rev. 1.4
Load Transient
Load Transient
(VIN=5V, VOUT=1.8V, Load=0.1-1.2A)
(VIN=5V, VOUT=1.8V, Load=0.6-1.2A)
Ripple
Ripple
(VIN=5V, VOUT=1.8V, Load=0A)
(VIN=5V, VOUT=1.8V, Load=1.2A)
Short Circuit Protection
Short Circuit Recovery
(VIN=5V, VOUT=1.8V)
(VIN=5V, VOUT=1.8V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com