Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6012B Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012B
Description  High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6012B Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6012B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DIO6012B
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6012B• Rev. 1.4
Typical Performance Characteristic
VIN = 5V, VOUT = 1.8V, L = 2.2µH, COUT = 22µF, TA = 25°C, unless otherwise specified.
Ripple
Ripple
(Vin=5V, Vout=1.8V, Load=1A)
(Vin=5V, Vout=1.8V, Load=2A)
Vin Start up
Vin Shut Down
(Vin=5V, Vout=1.8V, Load=0A)
(Vin=5V, Vout=1.8V, Load=0A)
Vin Start up
Vin Shut Down
(Vin=5V, Vout=1.8V, Load=2A)
(Vin=5V, Vout=1.8V, Load=2A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com