Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103XC Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F103XC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F103XC Datasheet HTML 74Page - STMicroelectronics STM32F103XC Datasheet HTML 75Page - STMicroelectronics STM32F103XC Datasheet HTML 76Page - STMicroelectronics STM32F103XC Datasheet HTML 77Page - STMicroelectronics STM32F103XC Datasheet HTML 78Page - STMicroelectronics STM32F103XC Datasheet HTML 79Page - STMicroelectronics STM32F103XC Datasheet HTML 80Page - STMicroelectronics STM32F103XC Datasheet HTML 81Page - STMicroelectronics STM32F103XC Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
78/118
td(NCEx-NWE)
FSMC_NCEx low to FSMC_NWE low
-
TBD
ns
tw(NWE)
FSMC_NWE low width
TBD
TBD
cycles/ns
td(NWE-NCEx)
td(NWE-NCE4_1)
FSMC_NWE high to FSMC_NCEx high
FSMC_NWE high to FSMC_NCE4_1 high
TBD
ns
td(NCE4_1-NWE)
FSMC_NCE4_1 low to FSMC_NWE low
ns
td(NWE-NWAITL)
FSMC_NWAIT low after FSMC_NWE low(2)
TBD
ns
td(NWE-NWAITH)
FSMC_NWAIT high after FSMC_NWE low(2)
TBD
ns
td(NWAIT-NWE)
FSMC_NWE high after FSMC_NWAIT high
TBD
-
ns
tv(NWE-D)
FSMC_NWE low to FSMC_D[15:0] valid
-
TBD
ns
th(NWE-D)
FSMC_NWE high to FSMC_D[15:0] invalid
TBD
-
ns
th(NCE4_1-D)
FSMC_NCE4_1 high to FSMC_D[15:0] invalid
ns
tw(NIORD)
FSMC_NIORD low width
ns
tELIWL
FSMC_NCEx setup before FSMC_NWE low
ns
tAVISL/H
Address valid to FSMC_NIOIS16 valid
35
ns
1.
TBD = to be determined.
2.
When one or more wait states are inserted. If no wait state needs inserted, NWAIT should be kept high or
the wait feature should be disabled (WAITEN=0) in the control register.
Table 38.
Switching characteristics for CF read and write cycles(1) (continued)
Symbol
Parameter
Timing
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com