Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THMC45 Datasheet(PDF) 7 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTOL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC45 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THMC45 Datasheet HTML 3Page - Texas Instruments THMC45 Datasheet HTML 4Page - Texas Instruments THMC45 Datasheet HTML 5Page - Texas Instruments THMC45 Datasheet HTML 6Page - Texas Instruments THMC45 Datasheet HTML 7Page - Texas Instruments THMC45 Datasheet HTML 8Page - Texas Instruments THMC45 Datasheet HTML 9Page - Texas Instruments THMC45 Datasheet HTML 10Page - Texas Instruments THMC45 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
H-bridge motor drive outputs (OUTA, OUTB) (continued)
Figures 2a and 2b show THMC45 H-bridge motor drive states with stator winding current being driven from
OUTA to OUTB and from OUTB to OUTA, respectively, based on the Hall sensor commutation state. As shown
during tON, PWM signal is high and the drive current is from VPWR through the activated switches and motor
to GND. PWM occurs on the low side, and the stator winding inductive current recirculates on the high side
during tOFF and PWM signal is low (see Figure 3 for motor current waveform). Recirculation of inductive current
through the high-side switches during tOFF, known as synchronous rectification, improves power conversion
efficiency by maintaining energy in the stator winding and results in a continuous dc current level.
Motor
OUTA
GND
PWM
OFF
ON
OUTB
OUTA
H
H+
H
H−
L
OUTB
PWM
M1
M2
M3
M4
M1
M2
PWM
PWM tON
I(DRIVE)
Motor
OUTA
GND
PWM
OFF
ON
OUTB
M3
M4
PWM
I(RECIRCULATE)
PWM tOFF
a) A to B Current Direction
VPWR
VPWR
Motor
OUTA
GND
PWM
OFF
ON
OUTB
OUTA
PWM
H+
L
H−
H
OUTB
H
M1
M2
M3
M4
M1
M2
PWM tON
I(DRIVE)
Motor
OUTA
GND
PWM
OFF
ON
OUTB
M3
M4
PWM
I(RECIRCULATE)
PWM tOFF
PWM
b) B to A Current Direction
VPWR
VPWR
Figure 2. H-Bridge PWM Drive With Synchronous Rectification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com