Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB6850S02I/T2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB6850S02I/T2
Description  3.2 Megapixel QXGA camera module with auto focus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB6850S02I/T2 Datasheet(HTML) 1 Page - STMicroelectronics

  VB6850S02I/T2 Datasheet HTML 1Page - STMicroelectronics VB6850S02I/T2 Datasheet HTML 2Page - STMicroelectronics VB6850S02I/T2 Datasheet HTML 3Page - STMicroelectronics VB6850S02I/T2 Datasheet HTML 4Page - STMicroelectronics VB6850S02I/T2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2007
Rev 1
1/5
5
VB6850
3.2 Megapixel QXGA camera module with auto focus
Features
3.2 Megapixel resolution (2048H x 1536V)
2.2
µm pixel size, 1/3.2 inch optical format
RGB Bayer color filter array
Integrated 10-bit ADC
Fully integrated auto-focus mechanism
Multi-element, high quality lens
SMIA Profile 2 Functional & CCP2 compliant
Up to 20 fps QXGA progressive scan
Up to 30 fps 1024x768 via sub-sampling or 2x2
analogue binning
Smooth frame rate control
Full raw Bayer down scaler from 1x to 8x in
steps of 1/16th
Output pixel rate de-rating with scaling
Integrated defect correction
Automatic dark level calibration
CCP2 SubLVDS bit-serial interface (640 Mbps)
2-wire 400 kHz camera control interface (CCI)
On-chip PLL, 6.0 to 27 MHz clock input
Analog power supply: 2.4 to 2.9V
Separate digital I/O power supply: 1.7 to 2.9V
Ultra low power standby mode (< 30µW)
9.5 x 9.5 x 7.6 mm3 auto focus camera module
with embedded passives
Integral EMC shielding and EMI reduction
techniques
Lead-free RoHS compliant product
Description
The VB6850 is a QXGA auto-focus raw Bayer
camera module targeting mobile applications.
Manufactured using ST 0.13
µm CMOS imaging
process, it integrates a high performance 2.2
µm
pixel and is compliant with both the functional
(Profile
2)
and
CCP2
parts
of
the
SMIA
specification revision 1.0.
VB6850 is capable of streaming QXGA raw Bayer
image data up to 20 fps.
The auto-focus mechanism combined with a
multi-element
lens
provides
excellent
image
quality at focus distances from less than 10 cm to
infinity.
All external components, including the auto-focus
actuator drivers, are integrated inside the camera
module, apart from two CCI pull-up resistors.
Control of the integrated AF driver is via the
VB6850 CCI I/F yielding straight forward system
integration.
www.st.com


Similar Part No. - VB6850S02I/T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
VB6851S0VO/T2 STMICROELECTRONICS-VB6851S0VO/T2 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
More results

Similar Description - VB6850S02I/T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM320T ETC-ICM320T Datasheet
1Mb / 30P
3.2 Megapixel QXGA Digital Color CMOS Image Sensor
logo
STMicroelectronics
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
0.5 Megapixel Camera Module
Oct-2004
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
VB6871 STMICROELECTRONICS-VB6871 Datasheet
102Kb / 4P
QXGA camera module with auto-focus
25-Mar-2008
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
logo
OmniVision Technologies...
OV05623-G00A OMNIVISION-OV05623-G00A Datasheet
151Kb / 2P
high performance auto-focus module for camera phones
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
Auto Focus/Auto Iris Infrared LED Camera
logo
STMicroelectronics
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
1.3 megapixel camera module
09-Sep-2015
VS6955CA STMICROELECTRONICS-VS6955CA Datasheet
1Mb / 90P
5.0 megapixel fixed-focus camera module
02-Nov-2015
VX6854LC STMICROELECTRONICS-VX6854LC Datasheet
2Mb / 114P
QXGA EDOF camera module
09-Sep-2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com