Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4072 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4072
Description  J-FET Input Low Noise Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4072 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4072 Datasheet HTML 1Page - Renesas Technology Corp UPC4072 Datasheet HTML 2Page - Renesas Technology Corp UPC4072 Datasheet HTML 3Page - Renesas Technology Corp UPC4072 Datasheet HTML 4Page - Renesas Technology Corp UPC4072 Datasheet HTML 5Page - Renesas Technology Corp UPC4072 Datasheet HTML 6Page - Renesas Technology Corp UPC4072 Datasheet HTML 7Page - Renesas Technology Corp UPC4072 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0184EJ0100 Rev.1.00
Page 1 of 7
Feb.27.25
Datasheet
UPC822, UPC4072
J-FET Input Low Noise Dual Operational Amplifier
DESCRIPTION
The UPC822 and 4072 are low noise versions operational amplifier of UPC803 and 4082 series with the
general-purpose J-FET input. Compared with the UPC803 and 4082 series, various characteristics such as
input referred noise, input offset voltage and input bias current have been improved. It is therefore ideal for
application circuits such as preamplifiers and active filters for measurement, audio and measurement where
low noise, high input impedance and high-speed characteristics are important.
Depending on the operating ambient temperature, UPC822 is suitable for communication application while
UPC4072 is suitable for general-purpose usage.
Along with this series of lineup, the quad type op-amp UPC824 and 4074 with same circuit configuration are
also available.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Bias Current
30 pA (TYP.)
• Slew Rate
13 V/μs (TYP.)
• Unity Gain Frequency
3 MHz (TYP.)
• Input Equivalent Noise Voltage Density
17 nV/ Hz (TYP.) (f = 1 kHz)
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Dual op-amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC822G2-AP
8-Pin plastic SOP ( 5.72 mm (225 mil ))
UPC4072G2-AP
8-Pin plastic SOP ( 5.72 mm (225 mil ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
UPC822G2, UPC4072G2


Similar Part No. - UPC4072

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072 RENESAS-UPC4072 Datasheet
255Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4072C NEC-UPC4072C Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072C RENESAS-UPC4072C Datasheet
255Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4072G2 NEC-UPC4072G2 Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
More results

Similar Description - UPC4072

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com