Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4074 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4074
Description  Low Noise J-FET Input Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4074 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4074 Datasheet HTML 1Page - Renesas Technology Corp UPC4074 Datasheet HTML 2Page - Renesas Technology Corp UPC4074 Datasheet HTML 3Page - Renesas Technology Corp UPC4074 Datasheet HTML 4Page - Renesas Technology Corp UPC4074 Datasheet HTML 5Page - Renesas Technology Corp UPC4074 Datasheet HTML 6Page - Renesas Technology Corp UPC4074 Datasheet HTML 7Page - Renesas Technology Corp UPC4074 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0152EJ0200 Rev.2.00
Page 1 of 7
Feb.21.25
Datasheet
UPC824, UPC4074
Low Noise J-FET Input Quad Operational Amplifier
DESCRIPTION
The UPC824 and 4074 are low noise versions operational amplifier of UPC804 and 4084 series with the
general-purpose J-FET input. Compared with the UPC804 and 4084 series, various characteristics such as
input referred noise, input offset voltage and input bias current have been improved. It is therefore ideal for
application circuits such as preamplifiers and active filters for measurement, audio and measurement where
low noise, high input impedance and high-speed characteristics are important.
Depending on the operating ambient temperature, UPC824 is suitable for communication application while
UPC4074 is suitable for general-purpose usage.
Along with this series of lineup, the dual type op-amp UPC822 and 4072 with same circuit configuration are
also available.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Bias Current
30 pA (TYP.)
• Slew Rate
13 V/μs (TYP.)
• Unity Gain Frequency
3 MHz (TYP.)
• Input Equivalent Noise Voltage Density
17 nV/ Hz (TYP.) (f = 1 kHz)
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Quad op-amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC824G2-AP
14-Pin plastic SOP ( 5.72 mm (225 mil ))
UPC4074G2-AP
14-Pin plastic SOP ( 5.72 mm (225 mil ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
µPC824G2, μPC4074G2
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14
OUT3
13 II4
12 IN4
7
OUT2
6
II2
5
IN2
8
OUT4
II3
10 IN3
1
- +
4
+ -
9
- +
2
+ -
3
UPC824G2, UPC4074G2


Similar Part No. - UPC4074

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4074 RENESAS-UPC4074 Datasheet
248Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4074C NEC-UPC4074C Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
UPC4074G2 NEC-UPC4074G2 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4074G2-A RENESAS-UPC4074G2-A Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results

Similar Description - UPC4074

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
TL084 UTC-TL084 Datasheet
198Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com