Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC832 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC832
Description  J-FET Input Low-Power Dual Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC832 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC832 Datasheet HTML 1Page - Renesas Technology Corp UPC832 Datasheet HTML 2Page - Renesas Technology Corp UPC832 Datasheet HTML 3Page - Renesas Technology Corp UPC832 Datasheet HTML 4Page - Renesas Technology Corp UPC832 Datasheet HTML 5Page - Renesas Technology Corp UPC832 Datasheet HTML 6Page - Renesas Technology Corp UPC832 Datasheet HTML 7Page - Renesas Technology Corp UPC832 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UPC832, UPC4062
R03DS0183EJ0100 Rev.1.00
Page 2 of 7
Feb.21.25
EQUIVALENT CIRCUIT (1/2 Circuit)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC832G2
UPC4062G2
Unit
Voltage between V+ and V− Note1
V+ - V-
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V- -0.3 ~ V+ +0.3
V
Output applied Voltage Note3
VO
V- -0.3 ~ V+ +0.3
V
Total Power Dissipation Note4
PT
440
mW
Output Short Circuit Duration Note5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】1. Reverse connections of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish when
the both inputs are within the Common Mode Input Voltage Range of electrical characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external without
damage or destruction. Even during the transition period of supply voltage, power on/off etc., this specification
should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical
characteristics.
4. Thermal derating factor is -4.4 mW/°C when operating ambient temperature is higher than 25 °C.
5. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings and Note 4.
Q20
Q16
R1
R4
R9
R5
R6
R2
R3
R10
R7
R8
Q1
Q2
Q3
Q4
Q5
Q9
Q8
Q6
Q7
Q13
Q10
Q12
Q11
Q14
Q15
Q17
Q19
Q18
C1
IN
II
OUT
V +
V -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com