Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMB24-1M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CMB24-1M
Description  CABLE, MOLD GPIB NORM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CMB24-1M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CMB24-1M Datasheet HTML 1Page - Infinite Electronics International, Inc. CMB24-1M Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIN 1
4X TAPPED ISO M3.5 X 0.6
2X 24-PIN FEMALE GPIB
RIBBON CONNECTOR
PIN 1
"P1"
PIN 1
2X 24-PIN MALE GPIB
RIBBON CONNECTOR
PIN 1
LENGTH
"J2"
"J1"
4X ISO M3.5 X 0.6 THUMBSCREW
"P2"
REF
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
CMB24
E
CMB24.SLDDRW
12
DATE
8/23/2001
9/5/2001
REVISIONS
DESCRIPTION
APPROVED
REV
R CARRICK
9/10/2001
4/2/15
D PARHAM
CABLE, MOLD GPIB NORM
8
D. DESJARDIN
ECN 7890: UPDATED FORMAT, PACKAGING, ROHS
E
CATEGORY
PRODUCT DESCRIPTION
43321
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
IEEE-488
PROJECTION
MAY OCCUR
UNLESS OTHERWISE SPECIFIED,
T CLARK
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
MODEL
NUMBER
LENGTH
METERS [FEET]
CMB24-05M
0.50 [1.64]
CMB24-1M
1.0 [3.28]
CMB24-2M
2.0 [6.56]
CMB24-3M
3.0 [9.84]
CMB24-4M
4.0 [13.12]
CMB24-5M
5.0 [16.40]
CMB24-6M
6.0 [19.68]
CMB24-8M
8.0 [26.24]
SPECIFICATIONS:
MEETS REQUIREMENTS OF ANSI/IEEE STD 488.1-1987.
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
MATERIALS:
CABLE: U.L. STYLE 2464, TWELVE TWISTED PAIRS 26AWG STRANDED COPPER,
OVERALL DOUBLE SHIELD ALUMINIZED POLYESTER FOIL PLUS BRAIDED TINNED
COPPER WITH DRAIN WIRE, BEIGE PVC JACKET.
MOLDINGS: POLYVINYLCHLORIDE, BEIGE
CONNECTOR INSULATORS: GLASS-FILLED PBT (BLUE), UL94V-0
CONNECTOR CONTACTS: COPPER ALLOY, 30 MICROINCHES GOLD OVER NICKEL
CONNECTOR SHELL: STAMPED STEEL OR DIE-CAST ALLOY, NICKEL PLATED
THUMBSCREWS: ISO M3.5 X.0.6, STEEL, BLACK OXIDE FINISH
ENVIRONMENTAL:
OPERATING TEMPERATURE RANGE: -20 C TO + 80 C
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH L-COM
SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
E
E


Similar Part No. - CMB24-1M

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
CMB24-3 BELIMO-CMB24-3 Datasheet
1,016Kb / 2P
On/Off, Floating Point, Non-Spring Return, 24 V
CMB24-3-T BELIMO-CMB24-3-T Datasheet
1Mb / 2P
On/Off, Floating Point, Non-Spring Return, 24 V
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
CMB24-L-125D BELIMO-CMB24-L-125D Datasheet
545Kb / 5P
Pipe diameter 5??[DN 125] Torque motor 18 in-lb
CMB24-L-150D BELIMO-CMB24-L-150D Datasheet
543Kb / 5P
Pipe diameter 6??Torque motor 18 in-lb
More results

Similar Description - CMB24-1M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
Texas Instruments
SMJ9914A TI-SMJ9914A Datasheet
766Kb / 18P
GPIB CONTROLLER
logo
Intel Corporation
8291A INTEL-8291A Datasheet
2Mb / 32P
GPIB TALKER/LISTENER
logo
Motorola, Inc
MC3447 MOTOROLA-MC3447 Datasheet
291Kb / 6P
BIDIRECTIONAL INSTRUMENTATION BUS(GPIB) TRANSCEIVER
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671 Datasheet
153Kb / 1P
GPIB USB Module
logo
Switchcraft, Inc.
TTEZNH10PE90T SWITCH-TTEZNH10PE90T Datasheet
193Kb / 3P
EZ NORM JACK
logo
National Instruments Co...
GPIB_463_464 NI-GPIB_463_464 Datasheet
195Kb / 4P
GPIB Cables and Accessories
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671_15 Datasheet
137Kb / 1P
GPIB USB Module
logo
Keysight Technologies
66000A KEYSIGHT-66000A Datasheet
203Kb / 8P
Modular Power System,GPIB
66101A-J05 KEYSIGHT-66101A-J05 Datasheet
203Kb / 8P
Modular Power System,GPIB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com