Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW032D110N6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LW032D110N6F
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D110N6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LW032D110N6F Datasheet HTML 9Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 10Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 11Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 12Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 13Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 14Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 15Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 16Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13/51
M58LW032D
READ MODES
Read operations in the M58LW032D are asyn-
chronous. The device outputs the data corre-
sponding to the address latched, that is the
memory array, Status Register, Common Flash In-
terface, Electronic Signature or Block Protection
Status depending on the command issued.
During read operations, if the bus is inactive for a
time equivalent to tAVQV, the device automatically
enters Auto Low Power mode. In this mode the in-
ternal supply current is reduced to the Auto Low
Power supply current, IDD5. The Data Inputs/Out-
puts will still output data if a Bus Read operation is
in progress.
Read operations can be performed in two different
ways, Random Read (where each Bus Read oper-
ation accesses a different Page) and Page Read.
In Page Read mode a Page of data is internally
read and stored in a Page Buffer. Each memory
page is a 4 Words or 8 Bytes and has the same
A3-A21. In x8 mode only A0, A1 and A2 may
change, in x16 mode only A1 and A2 may change.
The first read operation within the Page has the
normal access time (tAVQV), subsequent reads
within the same Page have much shorter access
times (tAVQV1). If the Page changes then the nor-
mal, longer timings apply again.
See Figure 10, Page Read AC Waveforms and
Table 16, Page Read AC Characteristics for de-
tails on when the outputs become valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com