Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ACDR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDR
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431ACDR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL431ACDR Datasheet HTML 17Page - Texas Instruments TL431ACDR Datasheet HTML 18Page - Texas Instruments TL431ACDR Datasheet HTML 19Page - Texas Instruments TL431ACDR Datasheet HTML 20Page - Texas Instruments TL431ACDR Datasheet HTML 21Page - Texas Instruments TL431ACDR Datasheet HTML 22Page - Texas Instruments TL431ACDR Datasheet HTML 23Page - Texas Instruments TL431ACDR Datasheet HTML 24Page - Texas Instruments TL431ACDR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
19.1 V
VCC
TLE2027
TLE2027
AV = 10 V/mV
VEE
0.1
µF
160 k
Ω
820
Ω
(DUT)
TL431
16
Ω
910
Ω
2000
µF
1 k
Ω
VEE
VCC
1
µF
16 k
Ω
16 k
Ω
1
µF
33 k
Ω
33 k
Ω
AV = 2 V/V
22
µF
500
µF
To
Oscilloscope
−1
−2
−4
−5
−6
3
−3
0
1
2
3456
1
0
2
EQUIVALENT INPUT NOISE VOLTAGE
OVER A 10-S PERIOD
4
78
9
10
5
6
t − Time − s
f = 0.1 to 10 Hz
IKA = 10 mA
TA = 25°C
+
−
+
−
Figure 12. Test Circuit for Equivalent Input Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com