Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4535CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4535CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4535CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4535CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4535CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
4
_______________________________________________________________________________________
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
TA
10
0.01
1
IGND
GND Supply Current
µA
225
400
I+
V+ Supply Current
±4.5
±20
All VA_ = VEN = 0 or 15V
All VA_ = VEN = 0 or 5V
C, E
+25°C
+25°C
Power-Supply Range
V+, V-
V
600
C, E
300
C, E
µA
125
200
All VA_ = VEN = 0, 5V, or 15V
+25°C
V
0V+
VNO_
Fault-Free Analog Signal Range
INO_(OFF)
NO_ Off-Leakage Current
(Notes 5, 10)
-10
10
nA
-0.5
0.01
0.5
Ω
10
25
∆RON
On-Resistance Match Between
Channels (Note 5)
40
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Applies with power on or off
VCOM_ = 10V, 1V;
VNO_ = 1V, 10V
VCOM_ = 10V, INO_ = 500µA
CONDITIONS
C, E
+25°C
+25°C
C, E
TA
650
950
RON
1100
Ω
On-Resistance
VCOM_ = 10V, INO_ = 500µA
+25°C
C, E
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMIN, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
300
100
200
All VA_ = VEN = 5V
C, E
+25°C
ICOM_(OFF)
COM_ Off-Leakage Current
(Notes 5, 10)
-60
60
nA
-22
VCOM_ = 10V,
1V;
VNO_ = 1V,10V
C, E
+25°C
-30
30
-11
C, E
+25°C
ICOM_(ON)
COM_ On-Leakage Current
(Notes 5, 10)
-80
80
nA
-22
VCOM_ = 10V,
1V;
VNO_ = 10V,
1V, or floating
C, E
+25°C
-40
40
-11
C, E
+25°C
MAX4534
MAX4534
MAX4535
MAX4535
300
C, E
125
200
I-
V- Supply Current
All VA_ = VEN = 0 or 15V
+25°C
POWER SUPPLY
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com