Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW032C110N1F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LW032C110N1F
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C110N1F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LW032C110N1F Datasheet HTML 9Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 10Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 11Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 12Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 13Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 14Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 15Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 16Page - STMicroelectronics M58LW032C110N1F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13/61
M58LW032C
BUS OPERATIONS
There are six standard bus operations that control
the device. These are Address Latch, Bus Read,
Bus Write, Output Disable, Power-Down and
Standby. See Table 2, Bus Operations, for a sum-
mary.
Typically glitches of less than 5ns on Chip Enable
or Write Enable are ignored by the memory and do
not affect Bus Write operations.
Address Latch. Address latch operations input
valid addresses.
A valid bus operation involves setting the desired
address on the Address Inputs, setting Chip En-
able and Latch Enable Low, VIL and keeping Write
Enable High, VIH; the address is latched on the ris-
ing edge of Address Latch.
Bus Read. Bus Read operations are used to out-
put the contents of the Memory Array, the Elec-
tronic Signature, the Status Register, the Common
Flash Interface and the Block Protection Status.
A valid bus operation involves setting the desired
address on the Address Inputs, applying a Low
signal, VIL, to Chip Enable, Output Enable and
Latch Enable and keeping Write Enable High, VIH.
The data read depends on the previous command
written to the memory (see Command Interface
section). See Figures 11, 12, 13, 18 and 19 Read
AC Waveforms, and Tables 15, 16, 17 and 20
Read AC Characteristics, for details of when the
output becomes valid.
Bus Write. Bus Write operations write Com-
mands to the memory or latch addresses and input
data to be programmed.
A valid Bus Write operation begins by setting the
desired address on the Address Inputs and setting
Latch Enable Low, VIL. The Address Inputs are
latched by the Command Interface on the rising
edge of Chip Enable or Write Enable, whichever
occurs first. The Data Inputs/Outputs are latched
by the Command Interface on the rising edge of
Chip Enable or Write Enable, whichever occurs
first. Output Enable must remain High, VIH, during
the Bus Write operation.
See Figures 14, 15, 16 and 17, Write AC Wave-
forms, and Tables 18 and 19, Write AC Character-
istics, for details of the timing requirements.
Output Disable. The The Data Inputs/Outputs
are high impedance when the Output Enable is at
VIH.
Power-Down. The memory is in Power-Down
mode when Reset/Power-Down, RP, is Low. The
power consumption is reduced to the Power-Down
level, IDD2, and the outputs are high impedance,
independent of Chip Enable, Output Enable or
Write Enable.
Standby. Standby disables most of the internal
circuitry, allowing a substantial reduction of the
current consumption. The memory is in standby
when Chip Enable is at VIH. The power consump-
tion is reduced to the standby level IDD1 and the
outputs are set to high impedance, independently
from the Output Enable or Write Enable inputs.
If Chip Enable switches to VIH during a program or
erase operation, the device enters Standby mode
when finished.
Table 2. Bus Operations
Note: 1. X = Don’t Care VIL or VIH.
2. Depends on G
Operation
E
G
W
RP
L
A1-A21
DQ0-DQ15
Address Latch
VIL
X
VIH
VIH
VIL
Address
Data Output or Hi-Z (2)
Bus Read
VIL
VIL
VIH
VIH
VIL
Address
Data Output
Bus Write
VIL
VIH
VIL
VIH
VIL
Address
Data Input
Output Disable
VIL
VIH
VIH
VIH
X
X
High Z
Power-Down
X
X
X
VIL
X
X
High Z
Standby
VIH
XX
VIH
X
X
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com