Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905SH3 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905SH3
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905SH3 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905SH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6905SH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DIO6905
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905 • Rev. 1.8
- 10 -
Application Information
Setting the output voltage
The external resistor divider sets the output voltage. Select the feedback resistor R1 which reduces the VOUT
leakage current, typically between 40 kΩ to 200 kΩ. There is not strict requirement on the feedback resistor. R1 >
10 kΩ is reasoned for most application. R2 can be calculated with Equation (2):
1
-
0.6
V
R1
=
R2
OUT
(2)
The feedback circuit is shown as Figure 18:
Figure 18. Feedback network
Table 1 lists the recommended resistor’s values for common output voltages:
Table 1. Resistor values for common output voltages
Selecting the inductor
Most applications work best with a 1 µH to 2.2 µH inductor. For highest efficiency, choose an inductor with a DC
resistance less than 15 mΩ.
A high-frequency switch-mode power supply with a magnetic device has strong electronic magnetic inference.
Any unshielded power inductors should be avoided. Metal alloy or multiplayer chip power inductors are ideal
shielded inductors for the application because they can decrease the influence effectively. Table 2 lists some
recommended inductors.
Table 2. Recommended inductors
Manufacturer P/N
Inductance (μH )
Manufacturer
PIFE25201B-1R0MS
1.0
CYNTEC CO. LTD.
1239AS-H-1R0M
1.0
Tokyo
744 777 002
2.2
Wurth
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com