Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6920 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6920
Description  High-Efficiency 2A, 24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6920 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6920 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DIO6920
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6920• Rev. 1.7
Output inductor L
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple current to
be about 40% of the maximum output current. The inductance is calculated as:
L=
%
40
)
/
1
(
,
,
×
×
−
MAX
OUT
SW
MAX
IN
OUT
OUT
I
F
V
V
V
where Fsw is the switching frequency and IOUT,MAX is the maximum load current.
The DIO6920 regulator IC is quite tolerant of different ripple current amplitude. Consequently, the final choice
of inductance can be slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN>IOUT,MAX +
L
F
V
V
V
SW
MAX
IN
OUT
OUT
⋅
⋅
−
2
)
/
1
(
,
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve the
desired efficiency requirement. It is desirable to choose an inductor with DCR<50mΩ to achieve a good overall
efficiency.
External Bootstrap Cap
This capacitor provides the gate driver voltage for internal high side MOSFET. A 100nF low ESR ceramic
capacitor connected between BS pin and SW pin is recommended.
C B
BS
1 00 nF
SW
Load Transient Considerations
The DIO6920 regulator IC integrates the compensation components to achieve good stability and fast transient
responses. In some applications, adding a 22pF ceramic cap in parallel with R1 may further speed up the load
transient responses and is thus recommended for applications with large load transient.
Layout Design
The layout design of DIO6920 regulator is relatively simple. For the best efficiency and minimum noise problems,
we should place the following components close to the IC: CIN, L, R1 and R2.
L1
R1
R2
VOUT
COUT
C1
(opt.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com