Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6922DN6 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6922DN6
Description  High-Efficiency 2A Continuous, 2.5A Peak,24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6922DN6 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6922DN6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6922DN6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DIO6922
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6922• Rev. 1.1
Pin Assignments
DFN2*2-6
Figure 1
Pin Assignment (Top View)
Pin Definitions
Pin Name
Description
BS
Bootstrap. Connect a capacitor and a resistor between SW and BS pins to form a floating supply
across the high-side switch driver. Recommend to use 0.1μF BS capacitor.
GND
Power Ground
FB
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to program the output voltage:
VOUT=0.6*(1+R1/R2).Add optional C2 (10pF~47pF) to speed up the transient response.
EN
Enable control. Pull high to turn on. Do not float.
VIN
Power Input
LX
Inductor pin. Connect this pin to the switching node of inductor.
EN
LX
GND
VIN
FB
6
5
4
1
2
3
BS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com