Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFJ48B Datasheet(PDF) 4 Page - Clarke International

Part # CFJ48B
Description  48” FARM JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFJ48B Datasheet(HTML) 4 Page - Clarke International

  CFJ48B Datasheet HTML 1Page - Clarke International CFJ48B Datasheet HTML 2Page - Clarke International CFJ48B Datasheet HTML 3Page - Clarke International CFJ48B Datasheet HTML 4Page - Clarke International CFJ48B Datasheet HTML 5Page - Clarke International CFJ48B Datasheet HTML 6Page - Clarke International CFJ48B Datasheet HTML 7Page - Clarke International CFJ48B Datasheet HTML 8Page - Clarke International CFJ48B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
16. DO NOT use additional bars/tubes in conjunction with the handle to
provide extra leverage. Use hand power only.
17. NEVER carry the jack by the handle as the column may drop and cause
harm to persons or property.
18. ALWAYS ensure that the lifting head climbing pin is located and locked in a
hole in the steel beam before releasing the pumping handle otherwise the
lifting head will automatically lower, causing the handle to move up and
down rapidly presenting a risk of serious injury.
19. The jack must have a minimum load of 50kg (110Ibs) to activate the
lowering step by step otherwise lifting head will drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com