Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS2 Datasheet(PDF) 3 Page - Clarke International

Part # CMS2
Description  ADJUSTABLE SEAT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CMS2 Datasheet(HTML) 3 Page - Clarke International

  CMS2 Datasheet HTML 1Page - Clarke International CMS2 Datasheet HTML 2Page - Clarke International CMS2 Datasheet HTML 3Page - Clarke International CMS2 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
1. To assemble the seat, simply push the ram into the hole in the centre of the
base, ensuring it is perpendicular, then locate the seat on top of the ram.
2. Sit on the seat and lift up the operating lever to lower the seat. To raise the
seat, take your weight off the seat slightly and pull the lever.
3. The seat is maintenance free, but should any damage occur, spare parts
are available from Clarke International, details of which are shown on the
reverse.
Check that all nuts, including those securing the castors and base frame are
tight and secure before using this seat.
Your adjustable seat is now ready for use.
COMPONENT PARTS OF THE SEAT
No
Description
1
Seat Cushion
2
Support Plate
3Hub
4Ram
5
Base/Tool Tray
6Castor (2.5”)
7
Operating Lever
A
M6x20 Truss Head Screw
B
Cap Nut
C
Lockwasher
D
Rivet 3X18
When requesting spare parts please
quote SN/CMS2/ 01 to 7.
FEATURE
RATING
Height Range
380 - 490 mm
Net Weight
7 kg
Dimensions
380 x 380 x 490 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com