Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4082 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC4082
Description  J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4082 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC4082_V01 Datasheet HTML 1Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 2Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 3Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 4Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 5Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 6Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 7Page - Renesas Technology Corp UPC4082_V01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UPC4082
R03DS0187EJ0100 Rev.1.00
Page 2 of 7
Mar.14.25
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC4082G2
Unit
Supply Voltage Note1
V+ - V-
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V- -0.3 ~ V+ +0.3
V
Output Applied Voltage Note3
VO
V- -0.3 ~ V+ +0.3
V
Total Power Dissipation Note4
PT
440
mW
Output Short Circuit Duration Note5
Indefinite
s
Operating Ambient Temperature
TA
-20 ~ +80
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish
when the both inputs are within the Common Mode Input Voltage Range of electrical characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external without
damage or destructive. Even during the transition period of supply voltage, power on/off etc., this specification
should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical
characteristics.
4. This is the value at TA ≤ +25 °C. Thermal derating factor is -4.4 mW/°C when operating ambient temperature
is higher than 25 °C.
5. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage
V±
±5
±16
V
Load Current
IO
±10
mA
Load Capacitance
(AV = +1, Rf = 0Ω)
CL
100
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com