Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4082 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4082
Description  J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4082 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4082 Datasheet HTML 1Page - Renesas Technology Corp UPC4082 Datasheet HTML 2Page - Renesas Technology Corp UPC4082 Datasheet HTML 3Page - Renesas Technology Corp UPC4082 Datasheet HTML 4Page - Renesas Technology Corp UPC4082 Datasheet HTML 5Page - Renesas Technology Corp UPC4082 Datasheet HTML 6Page - Renesas Technology Corp UPC4082 Datasheet HTML 7Page - Renesas Technology Corp UPC4082 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0187EJ0100 Rev.1.00
Page 1 of 7
Mar.14.25
Datasheet
UPC4082
J-FET Input Dual Operational Amplifier
DESCRIPTION
UPC4082 is a dual operational amplifier incorporating well matched ion implant P-channel J-FET on the same
chip with standard bipolar transistors. The key feature of this op amp is very low input bias current and high
slew rate for ten times faster than conventional general purpose op amps. By these features the UPC4082 is
excellent choice for wide variety of applications including integrator, active filter, pulse amp etc.
FEATURES
•
Input Offset Voltage
±5 mV (TYP.)
•
Input Bias Current
30 pA (TYP.)
•
Slew Rate
13 V/μs (TYP.)
•
Unity Gain Frequency
3 MHz (TYP.))
•
Input Equivalent Noise Voltage Density
25 nV/ Hz (TYP.) (f = 1 kHz)
•
Built-In Phase Compensation Circuit
•
Built-In Output Short Circuit Protection
•
Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC4082G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
UPC4082G2


Similar Part No. - UPC4082

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
Renesas Technology Corp
UPC4082 RENESAS-UPC4082 Datasheet
264Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4082C NEC-UPC4082C Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
Renesas Technology Corp
UPC4082C RENESAS-UPC4082C Datasheet
264Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4082G2 NEC-UPC4082G2 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
More results

Similar Description - UPC4082

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
New Japan Radio
NJM072B NJRC-NJM072B Datasheet
225Kb / 5P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER?
NJM074 NJRC-NJM074 Datasheet
144Kb / 3P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER???
NJM2082 NJRC-NJM2082 Datasheet
226Kb / 5P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER????
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6082M SANYO-LA6082M Datasheet
102Kb / 5P
J-FET Input Dual Operational Amplifier?
LA6083D SANYO-LA6083D Datasheet
105Kb / 5P
J-FET Input Dual Operational Amplifier
LA6083M SANYO-LA6083M Datasheet
104Kb / 5P
J-FET Input Dual Operational Amplifier
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
General J-FET input dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com