Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC842 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC842
Description  Single Power Supply, High Speed, Wide Band, Dual Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC842 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC842 Datasheet HTML 1Page - Renesas Technology Corp UPC842 Datasheet HTML 2Page - Renesas Technology Corp UPC842 Datasheet HTML 3Page - Renesas Technology Corp UPC842 Datasheet HTML 4Page - Renesas Technology Corp UPC842 Datasheet HTML 5Page - Renesas Technology Corp UPC842 Datasheet HTML 6Page - Renesas Technology Corp UPC842 Datasheet HTML 7Page - Renesas Technology Corp UPC842 Datasheet HTML 8Page - Renesas Technology Corp UPC842 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UPC842, UPC4742
R03DS0136EJ0200 Rev.2.00
Page 2 of 9
Feb.14.25
EQUIVALENT CIRCUIT (1/2 Circuit)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC842G2
UPC4742G2
UPC842GR-
9LG
UPC4742GR-
9LG
Unit
Power Supply Voltage Note 1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±36
V
Input Voltage Note 2
VI
V - -0.3 ~ V - +36
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit Duration Note 5 tS
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
-40 ~ +125
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +125
-55 ~ +150
-55 ~ +125
°C
【
Note】 1. Note that reverse connections of the power supply may damage the ICs.
2. This is the input voltage range that can be applied to the input terminal without any characteristics
degradation or breakdown. It can be applied regardless of the supply voltage. Do not apply the voltage
below V-(GND)-0.3V. The operational amplifier electrical characteristics will operate normally when the
input voltage is operating within the common-mode input voltage range.
3. Voltage range that can be applied externally to the output terminal without deteriorating or damage to
the product. It can be applied regardless of the power supply. Caution not to exceed the ratings, including
transient conditions such as when the power supply is ON/OFF.
4. This is the value when mounting the glass epoxy board (size 100 mm x 100 mm, thickness 1 mm, and
copper foil only on one side with 15% solid wiring of the board area). Please take note that depending
on the operating ambient temperature, each product following conditions and de-rating rate as below:
UPC842G2, 4742G2 : Derate at -4.4 mW/°C when TA > 25 °C
(Junction − ambient thermal resistance Rth(J-A) = 227°C/W)
UPC842GR-9LG : Derate at -5.5 mW/°C when TA > 69 °C
(Junction − ambient thermal resistance Rth(J-A) = 183°C/W)
UPC4742GR-9LG : Derate at -5.5 mW/°C when TA > 44 °C
(Junction − ambient thermal resistance Rth(J-A) = 183°C/W)
5. Please use the total loss and the de-rating factor of Note 4.
V +
Q7
IN
V -
Q5
Q6
Q8
Q13
OUT
Q14
Q18
II
Q1
Q2
Q9
Q10
Q11
Q12
Q3
Q4
Q15
Q16
Q17
Q20
Q19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com