Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4572 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4572 Datasheet HTML 1Page - Renesas Technology Corp UPC4572 Datasheet HTML 2Page - Renesas Technology Corp UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UPC4572
R03DS0185EJ0100 Rev.1.00
Page 3 of 11
Mar.3.25
ABSOLUTE MAXIMUM RATINGS(TA = 25 °C)
Parameter
Symbol
UPC4572G2, UPC4572G2(5)
Unit
Power Supply Voltage Note 1
V + - V -
-0.3 ~ +15
V
Differential Input Voltage
VID
±10
V
Input Voltage Note 2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit Duration Note 5 tS
10
s
Operating Ambient Temperature
TA
-20 ~ +80
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish when
the both inputs are within the Common Mode Input Voltage Range of electrical characteristics.
3. This specification is the voltage, which should be allowed to supply to the output terminal from external without
damage or destructive. Even during the transition period of supply voltage, power on/off etc., this specification
should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical
characteristics
4. Thermal derating factor is -4.4 mW/°C when ambient temperature is higher than 25 °C.
5. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings and Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Dual)
V ±
±2
±5
±7
V
Power Supply Voltage (V - = GND)
V +
+4
+5 / +12
+14
V
Output Current
IO
±10
mA
Capacitive Load (AV = +1)
CL
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com