Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7708 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7708
Description  300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7708 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7708 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DIO7708
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7708• Rev. 2.4
Output Decoupling (COUT)
The DIO7708 does not require a minimum Equivalent Series Resistance (ESR) for the output capacitor. The
device is designed to be stable with standard ceramic capacitors with values of 1 µF or greater. The X5R and
X7R types have the lowest capacitance variations over temperature. Thus they are recommendable.
Power Dissipation and Heat Sinking
The maximum power dissipation supported by the device is dependent upon board design and layout.
Mounting pad configuration on the PCB, the board material, and the ambient temperature affect the rate of
junction temperature rise for the part. For reliable operation junction temperature should be limited to 150°C.
The maximum power dissipation the DIO7708 can handle is given by:
JA
θ
A
MAX
J
MAX
D
R
T
T
=
P
]
[
)
(
)
(
-
(2)
The power dissipated by the DIO7708 for given application conditions can be calculated from the following
equations:
)
(
OUT
IN
OUT
GND
IN
D
V
V
×
I
+
I
×
V
P
-
(3)
or
GND
OUT
OUT
OUT
+
MAX
D
MAX
IN
I
+
I
I
×
V
P
V
)
(
)
(
)
(
(4)
Hints
VIN and GND printed circuit board traces should be as wide as possible. When the impedance of these traces
is high, there is a chance to pick up noise or cause the regulator to malfunction. Place external components,
especially the output capacitor, as close as possible to the DIO7708, and make traces as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com