Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7553BCD6 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7553BCD6
Description  Precision Adjustable Current-Limited Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7553BCD6 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7553BCD6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO7552B/7553B
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7552B/7553B• Rev. 1.3
Typical Applicaion
Figure 4 Typical Characteristics Reference Schematic
Typical Performance Characteristic
Typical value: TA = 25°C, VIN = 5V, unless otherwise specified.
Operation Current vs. Ambient temperature
On Resistance vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
30
35
40
45
50
55
60
Ambient temperature(
0C)
Vin=5V
-40
-20
0
20
40
60
80
100
120
140
50
60
70
80
90
100
Ambient temperature (
0C)
Vin=5V
Overload to Heavy Load Recovery
VIN Start-Up
(VIN=5V,VEN=VIN,ROUT=1.8→3.3Ω)
(EN=VIN,ROUT=3.9Ω,VIN=0↑5V)
Flag
VOUT
VIN
IOUT
Flag
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com