Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC181 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC181
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC181 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC181 Datasheet HTML 1Page - STMicroelectronics M74HC181 Datasheet HTML 2Page - STMicroelectronics M74HC181 Datasheet HTML 3Page - STMicroelectronics M74HC181 Datasheet HTML 4Page - STMicroelectronics M74HC181 Datasheet HTML 5Page - STMicroelectronics M74HC181 Datasheet HTML 6Page - STMicroelectronics M74HC181 Datasheet HTML 7Page - STMicroelectronics M74HC181 Datasheet HTML 8Page - STMicroelectronics M74HC181 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M74HC181
October 1993
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
ORDER CODES :
M74HC181M1R
M74HC181B1R
PIN CONNECTIONS (top view)
B1R
(Plastic Package)
.
HIGH SPEED
tPD = 13 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS181
M1R
(Micro Package)
The 74HC181 is a high speed CMOS ARITHMETIC
LOGIC UNIT/FUNCTION GENERATOR fabricated
with silicon gate C
2MOS technology. It has the same
high speed performance of LSTTL combined with true
CMOS low power consumption. These circuits per-
form 16 binary arithmetic operations on two 4-bit
words as shown in tables 1 and 2. These operations
are selected by the four function-select lines (S0, S1,
S2, S3) and include addition, subtraction, decrement,
and straight transfer. When performing arithmetic
manipulations, the internal carries must be enabled by
applying a low-level voltage to the mode control input
(M). A full carry look-ahead scheme is made available
in these devices for fast, simultaneous carry gener-
ation by means of two cascade-outputs (pins 15 and
17) for the four bits in the package. When used in con-
junction with the M54HC182 or M74HC182, full carry
look-ahead circuits, high-speed arithmetic operations
can be performed. These circuits will accomodate ac-
tive-high or active-low data, if the pin designations are
interpreted as shown below. Subtraction is accom-
plished by 1,s complement addition where the 1’s
complement of the subtrahend is generated internally.
The resultant output is 1–B–1, which requires an end-
around or forced carry to produce A–B. The 181 can
also be utilized as a comparator. The A = B output is
internally decoded from the function outputs (F0, F1,
F2, F3) so that when two words of equal magnitude
are applied at the A and B inputs, it will assume a high
level to indicated equality (A = B). The ALU should be
DESCRIPTION
* Open drain Output Structure
1/13


Similar Part No. - M74HC181

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC182 STMICROELECTRONICS-M74HC182 Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
M74HC182B1R STMICROELECTRONICS-M74HC182B1R Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
M74HC182C1R STMICROELECTRONICS-M74HC182C1R Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
M74HC182M1R STMICROELECTRONICS-M74HC182M1R Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
More results

Similar Description - M74HC181

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
Arithmetic Logic Unit
1990 Jul 12
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
4-Bit Arithmetic Logic Unit/Function Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com