Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2801MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2801MDREP
Description  LOW-POWER BICMOS CURRENT-MODE PWM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2801MDREP Datasheet(HTML) 1 Page - Texas Instruments

  UCC2801MDREP Datasheet HTML 1Page - Texas Instruments UCC2801MDREP Datasheet HTML 2Page - Texas Instruments UCC2801MDREP Datasheet HTML 3Page - Texas Instruments UCC2801MDREP Datasheet HTML 4Page - Texas Instruments UCC2801MDREP Datasheet HTML 5Page - Texas Instruments UCC2801MDREP Datasheet HTML 6Page - Texas Instruments UCC2801MDREP Datasheet HTML 7Page - Texas Instruments UCC2801MDREP Datasheet HTML 8Page - Texas Instruments UCC2801MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UCC2800/2801/2802/2803/2804/2805EP
LOW POWER BICMOS CURRENT MODE PWM
SGLS135E − SEPTEMBER 2002 − REVISED DECEMBER 2007
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly
− One Test Site
− One Fabrication Site
D Extended Temperature Performance of
−55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree†
D ESD Protection Exceeds 200 V Using
Machine Model (C = 200 pF, R = 0)
D 100 µA Typical Starting Supply Current
D 500 µA Typical Operating Supply Current
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Operation to 1 MHz
D Internal Soft Start
D Internal Fault Soft Start
D Internal Leading-Edge Blanking of the
Current Sense Signal
D 1 Amp Totem-Pole Output
D 70 ns Typical Response from
Current-Sense to Gate Drive Output
D 1.5% Tolerance Voltage Reference
D Same Pinout as UC3842 and UC3842A
description
The UCC2800/1/2/3/4/5 family of high-speed, low-power integrated circuits contain all of the control and drive
components required for off-line and dc-to-dc fixed frequency current-mode switching power supplies with
minimal parts count.
These devices have the same pin configuration as the UC2842/3/4/5 family and also offer the added features
of internal full-cycle soft start and internal leading-edge blanking of the current-sense input.
The UCC2800/1/2/3/4/5 family offers choice of maximum duty cycle and critical voltage levels. Lower reference
parts such as the UCC2803 and UCC2805 fit best into battery operated systems, while the higher reference
and the higher UVLO hysteresis of the UCC2802 and UCC2804 make these ideal choices for use in off-line
power supplies.
PART NUMBER
MAXIMUM DUTY CYCLE
REFERENCE VOLTAGE
TURN-ON THRESHOLD
TURN-OFF THRESHOLD
UCC2800
100%
5 V
7.2 V
6.9 V
UCC2801
50%
5 V
9.4 V
7.4 V
UCC2802
100%
5 V
12.5 V
8.3 V
UCC2803
100%
4 V
4.1 V
3.6 V
UCC2804
50%
5 V
12.5 V
8.3 V
UCC2805
50%
4 V
4.1 V
3.6 V
Copyright
 2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
COMP
FB
CS
RC
REF
VCC
OUT
GND
D PACKAGE
(TOP VIEW)


Similar Part No. - UCC2801MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2801MDREP TI-UCC2801MDREP Datasheet
561Kb / 18P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2801MDREP TI2-UCC2801MDREP Datasheet
533Kb / 19P
LOW-POWER BICMOS CURRENT-MODE PWM
REVISED OCTOBER 2010
UCC2801MDREP.A TI2-UCC2801MDREP.A Datasheet
533Kb / 19P
LOW-POWER BICMOS CURRENT-MODE PWM
REVISED OCTOBER 2010
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
LOW-POWER BICMOS CURRENT-MODE PWM
More results

Similar Description - UCC2801MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1800 TI-UCC1800 Datasheet
383Kb / 20P
Low-Power BiCMOS Current-Mode PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
LOW -POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com