Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55025-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD55025-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55025-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD55025-E Datasheet HTML 11Page - STMicroelectronics PD55025-E Datasheet HTML 12Page - STMicroelectronics PD55025-E Datasheet HTML 13Page - STMicroelectronics PD55025-E Datasheet HTML 14Page - STMicroelectronics PD55025-E Datasheet HTML 15Page - STMicroelectronics PD55025-E Datasheet HTML 16Page - STMicroelectronics PD55025-E Datasheet HTML 17Page - STMicroelectronics PD55025-E Datasheet HTML 18Page - STMicroelectronics PD55025-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PD55025-E, PD55025S-E
Common source s-parameter
15/22
7.3
PD55025S (VDS = 12.5V ID = 3A)
Table 10.
S-parameter
7.4
PD55025S (VDS = 13.8V IDS = 3A)
Table 11.
S-parameter
FREQ
IS11I
S11
∠Φ
IS21I
S21
∠Φ
IS12I
S12
∠Φ
IS22I
S22
∠Φ
(MHz)
50
0.890
-165
13.19
91
0.012
2
0.837
-174
100
0.892
-172
6.55
81
0.011
-6
0.846
-176
150
0.898
-174
4.28
73
0.011
-12
0.865
-176
200
0.904
-175
3.11
66
0.010
-15
0.879
-176
250
0.913
-176
2.39
60
0.010
-20
0.883
-176
300
0.921
-177
1.91
54
0.009
-23
0.089
-176
350
0.926
-177
1.57
49
0.008
-25
0.887
-176
400
0.935
-178
1.31
44
0.007
-27
0.889
-177
450
0.941
-179
1.10
40
0.007
-28
0.905
-179
500
0.944
-179
0.94
36
0.006
-27
0.921
-179
550
0.949
-180
0.82
33
0.005
-25
0.936
-180
600
0.953
180
0.71
29
0.004
-21
0.954
180
650
0.955
179
0.63
26
0.004
-17
0.964
-180
700
0.959
179
0.56
24
0.003
-10
0.965
-180
750
0.961
178
0.50
21
0.003
-2
0.968
-180
800
0.963
177
0.45
19
0.003
10
0.966
-179
850
0.966
177
0.41
17
0.003
22
0.952
-180
900
0.967
176
0.37
15
0.003
32
0.948
180
950
0.968
176
0.34
15
0.003
41
0.942
179
1000
0.969
175
0.31
11
0.004
49
0.930
177
FREQ
IS11I
S11
∠Φ
IS21I
S21
∠Φ
IS12I
S12
∠Φ
IS22I
S22
∠Φ
(MHz)
50
0.849
-164
13.99
91
0.012
2
0.833
-173
100
0.881
-171
6.94
80
0.011
-6
0.841
-175
150
0.895
-173
4.51
72
0.011
-12
0.857
-175
200
0.903
-175
3.27
65
0.010
-16
0.871
-175
250
0.912
-176
2.50
58
0.010
-21
0.877
-175
300
0.921
-176
1.99
52
0.009
-24
0.882
-175
350
0.927
-177
1.62
47
0.008
-27
0.883
-176
400
0.936
-178
1.35
42
0.007
-29
0.886
-177
450
0.943
-178
1.13
38
0.006
-29
0.904
-178
500
0.946
-179
0.97
34
0.006
-29
0.920
-179
550
0.952
-180
0.83
31
0.005
-26
0.935
-179
600
0.955
180
0.72
27
0.004
-23
0.955
-180
650
0.957
179
0.64
24
0.004
-17
0.965
-179
700
0.961
179
0.56
22
0.003
-8
0.967
-179
750
0.963
178
0.50
19
0.003
2
0.970
-179
800
0.965
178
0.45
17
0.003
14
0.968
-179
850
0.968
177
0.41
15
0.003
27
0.953
-179
900
0.969
176
0.37
13
0.003
36
0.949
180
950
0.970
176
0.34
11
0.003
45
0.943
179
1000
0.971
175
0.31
9
0.003
54
0.930
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com