Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1052S1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA1052S1
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052S1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA1052S1 Datasheet HTML 4Page - STMicroelectronics STA1052S1 Datasheet HTML 5Page - STMicroelectronics STA1052S1 Datasheet HTML 6Page - STMicroelectronics STA1052S1 Datasheet HTML 7Page - STMicroelectronics STA1052S1 Datasheet HTML 8Page - STMicroelectronics STA1052S1 Datasheet HTML 9Page - STMicroelectronics STA1052S1 Datasheet HTML 10Page - STMicroelectronics STA1052S1 Datasheet HTML 11Page - STMicroelectronics STA1052S1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Pin description
STA1052
8/14
57
SPDL
Spindle motor control signal output -
PDM
Out, 3.3 V, 2 mA
57
58
SLED1
SLED motor control signal output1
(stepping/DC) - PDM
Out, 3.3 V, 2 mA
58
59
SLED2
SLED motor control signal output2
(stepping) -PDM
Out, 3.3 V, 2 mA
59
60
VDD
Core VDD 1.8 V
VDD
60
61
VSS
Digital pad ring VSS ground
VSS
61
62
VDD3
Digital pad ring VDD3 3.3 V
VDD3
62
63
TFSR
Tracking actuator control signal output -
PDM
Out, 3.3 V, 4 mA
63
64
CAV
CAV feedback input
in, 3.3 V
64
65
LRCK
Serial L/R clock
bidir, 3.3 V, 2 mA
65
66
GPA9
GPA9 (I2S1_Tx_SCK (SCK1))
bidir, 3.3 V, 2 mA,
PU (default off)
66
67
GPA10
GPA10 (I2S1_Tx_WCK (SC12))
bidir, 3.3 V, 2 mA,
PU (default off)
67
68
GPA11
GPA11 (I2S1_Tx_SDO (STD1))
bidir, 3.3 V, mA,
PU (default off)
68
69
GPA12
GPA12 (I2S1_ref_CK)
bidir, 3.3 V, 2 mA,
PU (default off)
69
70
SDO/SPDIF
Serial bit data or SPDIF Digital output
bidir, 3.3 V, 2 mA
70
71
BCLK
Serial bit clock
bidir, 3.3 V, 2 mA
71
72
GPA0 (EINT0)
GPIO PA0 (external interrupt 0/timer 0
output 0)
bidir, 3.3 V, 2 mA,
PU (default off)
72
-
NC
Not connected
73
-
NC
Not connected
74
-
NC
Not connected
75
73
GPA1 (EINT1)
GPIO PA1 (external interrupt 1/timer 0
output 1)
bidir, 3.3 V, 2 mA,
PU (default off)
76
74
GPA2 (EINT2)
GPIO PA2 (external interrupt 2/timer 1
output 0)
bidir, 3.3 V, 2 mA,
PU (default off)
77
75
GPA3 (EINT3)
GPIO PA3 (external interrupt 3/timer 1
output1 )
bidir, 3.3 V, 2 mA,
PU (default off)
78
76
GPA13
GPIO PA13 (SPDIF Rx)
bidir, 3.3 V, 2 mA,
PU (default off)
79
77
GPA4 (EINT4)
GPIO PA4 (external interrupt 4)
bidir, 3.3 V, 2 mA,
PU (default off)
80
78
GPA5 (EINT5)
GPIO PA5 (external interrupt 5)
bidir, 3.3 , 2 mA,
PU (default off)
81
Table 2.
Pin List (continued)
N°
Name
Description
Pin type
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com