Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3A01VT Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT3A01VT
Description  a range of TC/ VCTCXOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3A01VT Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT3A01VT Datasheet HTML 1Page - Advanced Crystal Technology ACT3A01VT Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT3A01T (TCXO)
ACT53T 4 (TCXO)
Adjust to the nominal frequency
Iop
3mA max (Clipped sine), 20mA max (Square wave),10mA max (Sine)
(
Sine : 1.0V p~p Minimum
<( Please specify
Square Wave ; 5TTL / 15pf
(
Harmonic suppression ( Sine )
-30dB max
Non-Harmonic suppression ( Sine )
-70dB max
±3ppm Typical
(25°C ±2.0°C)
By internal trimmer
VCTCXO Only
Slope Polarity
Positive
Linearity
10% max
-135dBc/Hz max @ 1KHz offset
(Typical for 10.0Mhz Device)
STABILITY Vs OPERATING TEMPERATURE
( Referenced to 25°C )
Deg C
±1.5ppm
±2.5ppm
±3.0ppm
±5.0ppm
-0 ~ +50
-10 ~ +60
-20 ~ +70
-30 ~ +75
-40 ~ +85
Please specify
VCTCXO Only
±1.0ppm
±2.0ppm
For package details / options, please see following page.
http://www.actcrystals.com
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Aging
VCTCXO Only
Without internal trimmer
Δf/fo
Vin
Supply Voltage
Specification
8.00 ~ 50.00 MHz
Temp Operating Range
Parameter
Symbol
Frequency Range
Vcc
fo
Topr
-55 to +85°C
See table below for available range
Fa
±0.3ppm for 5% change
See table below for available stabilities
±0.3ppm for 10% change
Δf/fo
±1.0ppm Typical @ 25°C ±2.0°C
Tstg
Temp Storage Range
vs Change in Load
Initial Calibration Tolerance
Frequency Stability
vs Change in Vcc
vs Operating Temp
Conditions
Please specify
Specification
3.0V DC, 5.0VDC & 8.0VDC(±5%)
VCTCXO 3.0 & 5.0V Only
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT3A01VT (VCTCXO)
±1ppm / year max @25°C
VCTCXO Only
Customer to specify : Frequency, Supply Voltage, Frequency Stability, TCXO or VCTCXO ( T or VT ) & Package 1,2,3 or 4 & Output
2ms max
Start-up Time
Tosc
Output
Supply Current (max)
SSB Phase Noise (Typical)
With internal trimmer
Control Voltage Range
Frequency Tuning Range (Voltage)
The ACT3A01T/ VT family is a range of TC/ VCTCXOs housed in through hole packages, with various
height options, and provides for high frequency stabilities across a wide operating temperature and
supply voltage range. Parts are available with internal trimmer options and clipped sine / sine and square
wave outputs. The devices offer good reliability at a low cost and, whilst primarily developed for
Telecommunications Applications, they are also very suitable for many other Networking, Set Top Box,
Phase Locked Loops, Video Game & many Consumer Applications.
Frequency Tuning Range ( Mech' )
Clipped sine : 0.8V p~p min, 10K
Ω//10pf Load
1.5V ±1.0V @ 3.0Vcc, 2.5V ±2.0V @ 5.0Vcc
±5ppm ~ ±30ppm, ±15ppm Typical
Vcont
Issue:1 B3
Date: 11/08/04
1 of 2


Similar Part No. - ACT3A01VT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A04VT ACT-ACT3A04VT Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
More results

Similar Description - ACT3A01VT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Micron Technology
MT40A1G8WE-075E MICRON-MT40A1G8WE-075E Datasheet
11Mb / 358P
Refresh time of 8192-cycle at TC temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com