Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3A04VT Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT3A04VT
Description  a range of low frequency TC/ VCTCXOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3A04VT Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT3A04VT Datasheet HTML 1Page - Advanced Crystal Technology ACT3A04VT Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT3A04T (TCXO)
ACT53T 4 (TCXO)
Specification
Conditions
VCTCXO 3.0 & 5.0V Only
Adjust to the nominal frequency
±1.0ppm Typical @ 25°C ±2.0°C
Without internal trimmer
Iop
20mA max
±3ppm Typical
(25°C ±2.0°C)
By internal trimmer
VCTCXO Only
Slope Polarity
Positive
Linearity
10% max
-135dBc/Hz max @ 1KHz offset
(Typical for 5.0.0Mhz Device)
STABILITY Vs OPERATING TEMPERATURE
( Referenced to 25°C )
Deg C
±1.5ppm
±2.5ppm
±3.0ppm
±5.0ppm
-0 ~ +50
-10 ~ +60
-20 ~ +70
-30 ~ +75
-40 ~ +85
Please specify
VCTCXO Only
±1.0ppm
±2.0ppm
http://www.actcrystals.com
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Aging
VCTCXO Only
Δf/fo
Vin
Supply Voltage
Vcc
fo
Topr
Tstg
±0.3ppm for 10% change
Δf/fo
Specification
500kHz ~ 8.00 MHz
Temp Operating Range
Parameter
Symbol
Frequency Range
Temp Storage Range
Please specify
vs Change in Load
Initial Calibration Tolerance
Frequency Stability
vs Change in Vcc
vs Operating Temp
-55 to +85°C
See table below for available range
±0.3ppm for 5% change
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT3A04VT (VCTCXO)
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
VCTCXO Only
Customer to specify : Frequency, Supply Voltage, Frequency Stability, TCXO or VCTCXO ( T or VT ) & Package 1,2,3 or 4 & Output
2ms max
Start-up Time
Tosc
SSB Phase Noise (Typical)
1.65V ±1.50V @ 3.3Vcc, 2.5V ±2.0V @ 5.0Vcc
±5ppm ~ ±20ppm, ±10ppm Typical
Vcont
±1ppm / year max @25°C
Fa
The ACT3A04T/ VT family is a range of low frequency TC/ VCTCXOs housed in through hole
packages, with various height options, and provides for tight frequency stabilities across a wide operating
temperature and supply voltage range. Parts are available with internal trimmer options. The devices offe
good reliability at a low cost and, whilst primarily developed for Communications Applications, they are
also very suitable for many other applications including Instrumentation, Phase Locked Loops, Video
Game & many Consumer Applications.
Frequency Tuning Range ( Mech' )
TTL / CMOS
Output
Supply Current (max)
See table below for available stabilities
3.3V DC, 5.0VDC & 8.0VDC(±5%)
With internal trimmer
For package details / options, please see following page.
Control Voltage Range
Frequency Tuning Range (Voltage)
Issue:1 B3
Date: 11/08/04
1 of 2


Similar Part No. - ACT3A04VT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A01VT ACT-ACT3A01VT Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
More results

Similar Description - ACT3A04VT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
PETERMANN-TECHNIK
OCXO-50 PETERMANN-OCXO-50 Datasheet
25Kb / 2P
HIGH RELIABILITY FOR LOW COST FREQUENCY RANGE OF 1.0 ~ 160.0 MHz
logo
Micron Technology
MT40A1G8WE-075E MICRON-MT40A1G8WE-075E Datasheet
11Mb / 358P
Refresh time of 8192-cycle at TC temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com