Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5001CD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5001CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL5001CD Datasheet HTML 13Page - Texas Instruments TL5001CD Datasheet HTML 14Page - Texas Instruments TL5001CD Datasheet HTML 15Page - Texas Instruments TL5001CD Datasheet HTML 16Page - Texas Instruments TL5001CD Datasheet HTML 17Page - Texas Instruments TL5001CD Datasheet HTML 18Page - Texas Instruments TL5001CD Datasheet HTML 19Page - Texas Instruments TL5001CD Datasheet HTML 20Page - Texas Instruments TL5001CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
U1
TL5001/A
FB
COMP
VO
DTC
RT
GND
C1
100
µF
10 V
VI
5 V
+
R1
470
Ω
SCP
VCC
L1
20
µH
C2
100
µF
10 V
3.3 V
GND
+
CR1
MBRS140T3
Q1
TPS1101
C6
0.012
µF
R4
5.1 k
Ω
R5
7.50 k
Ω
1%
R2
56 k
Ω
R3
43 k
Ω
R6
3.24 k
Ω
1%
C5
0.1
µF
C4
1
µF
C3
0.1
µF
GND
8
7
6
5
2
1
3
4
Partial Bill of Materials:
U1
TL5001/A
Texas Instruments
Q1
TPS1101
Texas Instruments
LI
CTX20-1 or
Coiltronics
23 turns of #28 wire on
Micrometals No. T50-26B core
C1
TPSD107M010R0100
AVX
C2
TPSD107M010R0100
AVX
CR1
MBRS140T3
Motorola
R7
2.0 k
Ω
C7
0.0047
µF
+
NOTES: A. Frequency = 200 kHz
B. Duty cycle = 90% max
C. Soft-start time constant (TC) = 5.6 ms
D. SCP TC = 70 msA
Figure 21. Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com