Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT9CSV-6 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9CSV-6
Description  6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9CSV-6 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9CSV-6 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symbol
ACT9CSV- 6 LVPECL/LVDS
The ACT9CSV-6 is a family of 6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO) housed in a
7 x 5 mm ceramic package with a metal lid. Only 1.8mm high they are ideal for high density automatic assembly printed
circuit boards. These devices can be pulled between ±50ppm & ±150ppm, from the nominal frequency, by varying the
voltage on pad 1. Applications include Networking, Telecomms, PLL Circuits, Set Top Box, Audio Visual and many other
Consumer Applications
Specification
Parameter
Specification
Options
Frequency Range
fo
25.00 ~ 650.00 MHz
Please specify
Temp Operating Range
Topr
0 ~ +70°C & -40 ~ +85°C
Please specify
Storage Temp Range
Tstg
-55 to 125°C
Frequency Stability
Δf/fo
±20ppm ~ ±100ppm
Please specify
Supply Voltage
Vdd
3.3VDC ±5%
Supply Current (max)
Iop
85mA
- 25.0 ~ 160.0 MHz LVPECL
95mA
- 161.0 ~ 300.0 MHz LVPECL
100mA - 301.0 ~ 650 MHz
LVPECL
45mA
- 25.0 ~ 100.0 MHz LVDS
70mA
- 101.0 ~ 650.0 MHz LVDS
Duty Cycle
Tw/t
40/60% (Vdd -1.3VDC, LVPECL), (VCC -1.25VDC, LVDS)
Please specify
Rise & Fall Time
Tr/Tf
0.6nS max @ 20 / 80%
Output Load
50
Ω into Vdd -2.0VDC (LVPECL), 100Ω differential load (LVDS)
Output Voltage
VOL
Vdd -1.620VDC max (LVPECL), 1.1925VDC max (LVDS)
VOH
Vdd -1.025VDC max (LVPECL), 2.1750VDC min (LVDS)
Voltage Control
Vc
1.65VDC ± 1.65V
Pulling Range
Δfc
± 50ppm ~ ±150ppm
Jitter
10ps RMS max
Aging
Fa
± 3ppm / year max
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range, Symmetry, Output type & Minimum Pulling Range
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
#1 ID Mark
5.0 ± 0.2
7.0 ± 0.2
1.8 ± 0.2
0.8
1.2
1.4
5.08
2.6
2.0
4.2
1.8
5.08
Suggested Footprint
1
2
3
4
5
6
Voltage Control
Tri-State
Ground
Output
Complementary Output
Vdd
Pad Connections
Dimensions in mm
12
3
5
64
Issue: 5 D2
Date: 17/08/04
1 of 2


Similar Part No. - ACT9CSV-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV-6HCMOS ACT-ACT9CSV-6HCMOS Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV-6TTL ACT-ACT9CSV-6TTL Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
More results

Similar Description - ACT9CSV-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT7CSV-6 ACT-ACT7CSV-6 Datasheet
253Kb / 3P
6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
26/08/2005
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
logo
Kyocera Kinseki Corpota...
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com