Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT9SVH-6 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9SVH-6
Description  a 6-pad miniature SMD Voltage Controlled Crystal Oscillator (VCXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9SVH-6 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9SVH-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT9SVH-6 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Frequency
Operating Temperature Range
Storage Temperature Range
Frequency Stability
Supply Voltage
Input Current
Load drive capability
Duty Cycle
Output Voltage Logic
Voltage Control
Linearity
Pulling Range
Start-Up Time
Rise / Fall Time
Pad 2 Tri-state Input voltage
Pad 5 Tri State Input Voltage
Period Jitter ( pk to pk ) )
Period Jitter ( One Sigma )
Aging
Table 1
Please Specify
Please Specify
http://www.actcrystals.com
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Specification
Parameter
Specification
Please note that all parameters can not necessarily be specified in the same device
( The 77.761~300MHz devices utilise a multiplier )
Please refer to Table 1
-55 to +105°C
( The 1.0 ~ 77.760MHz devices utilise a fundamental crystal )
Please refer to Table 1
(Inclusive of Operating Temperature , Supply Voltage & Load)
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Voltage, Linearity, Duty Cycle, Pulling Range
Please Specify
Tstg
VDD
Tw/t
IDD
N/CL
1.000 ~77.760MHz & 77.761 ~300.000MHz
ISO9001:2000 Registered
Condition
ACT9SVH-6 HCMOS
The ACT 9SVH-6 is a 6-pad miniature SMD Voltage Controlled Crystal Oscillator (VCXO) housed in a 7
x 5 mm ceramic package with a metal lid. Only 1.7mm high it is ideal for high density, automatic
assembly, printed circuit boards. The device may be "pulled" by ±100ppm from the nominal frequency
by varying the voltage on pad 1. Applications include Networking, Telecomms, Consumer, Wireless,
Audio Visual and many others.
Please Specify
Please Specify
f0
Topr
Δf/f
0
Δfc
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
1.00MHz ~ 20.000MHz 10mA (5V) & 10mA (3.3V) max
77.761MHz ~ 300.00MHz 50mA max (3.3V )
3.3VDC ±5% & 5.5VDC ±5% (1.00~77.76MHz )
3.3VDC ±10% (77.761MHz ~ 300.00MHz )
Fa
VOL
VOH
Vc
Tr/Tf
Tosc
± 3ppm p/year max
@25ºC
VIL : ≤ 0.3VDD
Disable Output : High Impedance
Please Specify
±20%, ±15% or ±10%
2.5V±2.0VDC (Or 2.5V )
1.65V ± 1.35VDC ( Or 1.65V )
Please Specify
± 80, ±100ppm min ( Std ) or ± 150ppm min ( Option )
HCMOS Load 90% of VDD minimum
HCMOS Load 10% of VDD Maximum
25pS max
100pS max
77.761MHz to 300.000MHz 10nS max
10mS max
No Connection Enable Output
VIH : ≥ 0.7VDD
Enable Output
0~+50
Stability
50% ±10% (Std) or 50% ±5% (Option)
20.001MHz ~ 40.000MHz 20mA (5V) & 15mA (3.3V) max
40.001MHz ~77.760MHz 30mA (5V) & 25mA (3.3V) max
1.000MHz to 20.000MHz 10nS max
( 50% of Waveform @ HCMOS Load )
10 TTL Load or 15pF HCMOS Load
20.001MHz to 40.000MHz 8nS max
40.001MHz to 77.760MHz 5nS max
+/-100ppm
-30~+70
-30~+75
-30~+80
-30~+85
-10~+60
-10~+70
-20~+70
-30~+60
+/-15ppm
+/-25ppm
+/-30ppm
+/-50ppm
+/-20ppm
-40~+80
-40~+85
Operating Temperature Range °C
Issue: 2 SKr
Date: 29-09-05
1 of 2


Similar Part No. - ACT9SVH-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9SKV-6 ACT-ACT9SKV-6 Datasheet
134Kb / 3P
LVPECL or LVDS Voltage Controlled Oscillator
2/11/05
More results

Similar Description - ACT9SVH-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT7CSV-6 ACT-ACT7CSV-6 Datasheet
253Kb / 3P
6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
26/08/2005
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV ACT-ACT9CSV Datasheet
96Kb / 1P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT8CSV-4 ACT-ACT8CSV-4 Datasheet
121Kb / 2P
4 and 6 pad miniature SMD Voltage Controlled Crystal Oscillators
15/11/05
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
F5000 FOX-F5000 Datasheet
218Kb / 1P
VCXO SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com