Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN-40-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # BCN-40-R
Description  Labor-saving assembly and fixing by combination with plastic clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

BCN-40-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  BCN-40-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50
BCN-26-R
Frequency(MHz)
0.01
1000
100
10
1
10
100
1000
Frequency(MHz)
0.01
1000
100
10
1
10
100
1000
Frequency(MHz)
0.01
1000
100
10
1
10
100
1000
BCN-40-R
BCN-50-R
● Core
/ Soft ferrite
● Clamp / Nylon 66 (Light gray / UL94V-0)
● Split core type, easy assembly on wired or connected ribbon cables.
● Plastic clamp integrated type allows easy assembly.
Feature
BLOCK CORE
/BCN
Material
Unit:mm
※Contact us for the measurement conditions.
Part No.
A
B
(C)
D
E
(F)
Impedance* Ω/100MHz (1 turn)
BCN-26-R
45.0
2.0
19.6
30.0
34.0
59.5
≧125
BCN-40-R
63.0
19.5
52.0
76.5
≧137
BCN-50-R
76.5
64.5
90.7
≧142
Labor-saving assembly and fixing by combination with plastic clamp
A
(F)
E
Double-sided adhesive tape
Impedance vs frequency


Similar Part No. - BCN-40-R

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
BCN-40 KGS-BCN-40 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - BCN-40-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NS-1BF OMRON-D4NS-1BF Datasheet
2Mb / 12P
Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
logo
OptoSupply Internationa...
JPE03 OPTOSUPPLY-JPE03 Datasheet
331Kb / 1P
Energy saving effect by low power consumption
logo
Ohmite Mfg. Co.
SINK-M OHMITE-SINK-M Datasheet
366Kb / 2P
Minimum assembly cost and labor
logo
Schneider Electric
ZB4BZ1029 SCHNEIDER-ZB4BZ1029 Datasheet
152Kb / 3P
Complete body/contact assembly, Harmony XB4, single contact block with body/fixing collar 1NC spring clamp terminal
Oct 4, 2021
ZB4BZ1045 SCHNEIDER-ZB4BZ1045 Datasheet
185Kb / 5P
Complete body/contact assembly, Harmony XB4, single contact block with body/fixing collar 2NC spring clamp terminal
ZB5AZ009TQ SCHNEIDER-ZB5AZ009TQ Datasheet
96Kb / 1P
body fixing collar ZB5AZ009 sold by 100
Aug 11, 2019
ZB5AZ1025 SCHNEIDER-ZB5AZ1025 Datasheet
135Kb / 4P
single contact block with body/fixing collar 1NC spring clamp terminal
Aug 15, 2019
ZB5AZ104 SCHNEIDER-ZB5AZ104 Datasheet
140Kb / 4P
single contact block with body/fixing collar 2NC screw clamp terminal
Aug 15, 2019
ZB5AZ1045 SCHNEIDER-ZB5AZ1045 Datasheet
140Kb / 4P
single contact block with body/fixing collar 2NC spring clamp terminal
Aug 10, 2019
logo
CONEC Elektronische Bau...
3H19W1PAT78G60X CONEC-3H19W1PAT78G60X Datasheet
464Kb / 2P
D-SUB HD Combination Male 90° 19W1P with threaded insert, metal bracket and fixing plate
23.05.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com