Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRFC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # GRFC
Description  Fair-Surface type with no protrusion of snap or hinge parts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

GRFC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  GRFC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47
GRFC-3
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-4
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-5
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-6
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-7
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-8
Frequency(MHz)
1
1000
100
10
1
10
100
1000
RFC-20
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-9
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-10
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GRFC-13
Frequency(MHz)
1
1000
100
10
1
10
100
1000
RFC-H13
Frequency(MHz)
1
1000
100
10
1
10
100
1000
Impedance vs frequency
Material
●
Ferrite Core:Soft ferrite
 Housing:PA66 (Color:Light gray/Flammability:UL94V-0)
(Color:Black/Flammability:UL94V-2)
※ Black type has "BK" at the end of the part number.
Fair-Surface type with no protrusion of snap or hinge parts
●
Split ferrite cores with plastic housing for easy fixing on assembled cables or cables with
connectors.
●
Cable tie can assist to hold electric wires and enables the product to be fixed to wire harness.
(Excluding GRFC-3/4,RFC-H13,RFC-20)
●
Wire guiding system prevents wires from being pinched when winding assembly.
●
Light gray or black plastic case color available (except RFC-20),
based on the color of your cable.
Feature
SLEEVE FERRITE CLAMP
/GRFC / RFC
Unit:mm
※RFC-H13,
RFC-20 have different configurations. Contact us for the details.
RFCK2-20 (RFC-20 with mounting fixture is
available. Contact us for the details.)
※The values are measured data for reference, not guaranteed.
A
A
D
C
C
Profile ①
Profile ②
Part No.
A
B
C
D
Applicable cable diameter Impedance* Ω/100MHz (1 turn)
GRFC-4
13.7
13.5
27.5
ー
ー
ー
φ3.5~4.5
≧ 75
GRFC-3
13.7
13.5
18.0
ー
φ3.0~4.0
≧ 35
GRFC-5
18.1
18.4
31.5
φ4.5~5.5
≧100
GRFC-6
18.1
18.4
31.5
35.5
35.5
35.5
35.5
37.2
36.3
φ5.5~6.5
≧100
GRFC-8
20.1
20.4
31.5
φ7.5~8.5
≧ 75
GRFC-9
20.1
20.4
31.5
φ8.5~9.5
≧ 75
GRFC-10
26.3
26.4
32.4
φ9.5~10.5
≧105
GRFC-13
29.1
29.4
31.5
φ12.5~13.5
≧ 95
RFC-H13
31.7
29.4
41.0
φ12.5~13.5
≧170
RFC-20
40.0
40.0
47.0
Max.φ20
≧180
GRFC-7
14.25
※
※
①
①
①
①
①
①
②
※
※
15.8
20.0
24.0
Max.φ7
≧ 45
Profile
※GRFC-3, GRFC-4, GRFC-7 and RFC-20 have a slightly different configurations. Contact our sales department for details.


Similar Part No. - GRFC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
GRFC KGS-GRFC Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GRFC-10 KGS-GRFC-10 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GRFC-13 KGS-GRFC-13 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GRFC-3 KGS-GRFC-3 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GRFC-4 KGS-GRFC-4 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - GRFC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
logo
List of Unclassifed Man...
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
Continuous Hinge with Clamps, Type 4X
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
Solid state reliability - no moving parts
logo
List of Unclassifed Man...
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
Continuous Hinge with Clamps, Type 4
SF37S010000 ETC2-SF37S010000 Datasheet
239Kb / 9P
Secure assembly of the two case parts
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
Maintain with a minimum of spare parts and tools
logo
Schneider Electric
TRV00880 SCHNEIDER-TRV00880 Datasheet
166Kb / 2P
ULP Line terminatiors, set of 10 parts
Dec 10, 2020
logo
Murata Manufacturing Co...
NFW31SP107X1E4 MURATA1-NFW31SP107X1E4_V01 Datasheet
374Kb / 3P
Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP207X1E4 MURATA1-NFW31SP207X1E4_V01 Datasheet
373Kb / 3P
Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com