Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTFC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # GTFC
Description  Toroidal design that makes cable easy to turn around it
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

GTFC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  GTFC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
48
*The values are measured data for reference, not guaranteed.
Material
Toroidal design that makes cable easy to turn around it
●
Split ferrite cores with plastic housing for easy fixing on assembled cables or cables with
connectors.
●
Cable tie can assist to hold electric wires and enables the product to be fixed to wire harness.
(Excluding GTFC-41-27-16)
●
Wire guiding system prevents wires from being pinched when winding assembly.
TOROIDAL FERRITE CLAMP
/GTFC
● Ferrite Core
:Soft ferrite
● Housing
:PA66 (Color:Light gray/Flammability:UL94V-0)
A
C
C
A
Profile ①
Profile ②(GTFC-41-27-16)
A
C
C
A
Profile ①
Profile ②(GTFC-41-27-16)
GTFC-**-**-**
※Contact us for the measurement conditions.
Feature
GTFC-16-8-13
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-16-8-16
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-20-10-10
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-28-16-13
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-28-16-20
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-41-27-16
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-23-11-14
Frequency(MHz)
1
1000
100
10
1
10
100
1000
GTFC-25-15-12
Frequency(MHz)
1
1000
100
10
1
10
100
1000
Part No.
Profile
A
B
C
GTFC-16-8-13
①
Max.φ7.2
22.3 20.1 18.9
GTFC-16-8-16
①
Max.φ7.2
22.3 20.1 21.9
GTFC-20-10-10
①
Max.φ8.5
27.1 24.9 16
GTFC-23-11-14
①
Max.φ10.5
30.5 28.3 20.2
GTFC-25-15-12
①
Max.φ13
31.1 28.9 17.8
GTFC-28-16-13
①
Max.φ14.7
35.1 32.9 18.8
GTFC-28-16-20
①
Max.φ14.7
35.1 32.9 25.8
GTFC-41-27-16
②
Max.φ26
48.2 44.5 19.6
Unit:mm
Applicable cable
diameter
Impedance Ω/100MHz (1turn)
≧ 45
≧ 55
≧ 40
≧ 55
≧ 40
≧ 50
≧ 70
≧ 50
Impedance vs frequency


Similar Part No. - GTFC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
GTFC KGS-GTFC Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GTFC-16-8-13 KGS-GTFC-16-8-13 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GTFC-16-8-16 KGS-GTFC-16-8-16 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GTFC-20-10-10 KGS-GTFC-20-10-10 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GTFC-23-11-14 KGS-GTFC-23-11-14 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - GTFC

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R04C ANAREN-A1101R04C_0 Datasheet
930Kb / 2P
Low-power RF modules, firmware & development tools that make it easy to ?셠o wireless
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
Uniform, High Efficacy and Easy-to-Design Array
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
Very small size making it easy to provide
logo
Lumileds Lighting Compa...
DS138 LUMILEDS-DS138 Datasheet
2Mb / 20P
Retail lighting that makes an impact
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
Uniform, high-efficacy and easy-to-design array
logo
Cirrus Logic
CRD5490-Z CIRRUS-CRD5490-Z Datasheet
5Mb / 40P
Easy-to-use Power Monitoring Reference Design
logo
Lumileds Lighting Compa...
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
Uniform, high-efficacy and easy-to-design array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
Uniform, high efficacy and easy to design array
logo
List of Unclassifed Man...
PI-EZCONNECT ETC-PI-EZCONNECT Datasheet
1Mb / 6P
Pi-EzConnect makes it possible to connect multiple sensors
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
Uniform, high efficacy and easy to design array
20200726
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com