Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT320SMX-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT320SMX-4
Description  low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT320SMX-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT320SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT320SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Parameter
Symbol
Specification
Frequency Range
fo
14.7456MHz & 16.000 ~ 50.000MHz
Frequency Tolerance (@25°C)
Δf/fo
±5,±10,±15,±20,±30 & ±50ppm(Std )
Stability over temp range
Tc
±5ppm ~ 50ppm (See table 2)
Temp Operating Range
Topr
0~+50°C ~ -40~+85°C ( See table 2)
Temp Storage Range
Tstg
-40 ~+85°C
Equivalent Series Resistance
ESR
See table 1
Load Capacitance
CL
8pF ~ 50pF & Series
Shunt Capacitance
C0
5pF max
Drive Level
DL
100
μW typical (500μW max)
DLD6 <1.3
(min-max ratio)
FL min to max <10ppm
Insulation Resistance
IR
500M
Ω min
Aging
Fa
±3ppm per year
**
Dimensions (mm)
*
Tighter ESR may be available please enquire
Table 2
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
ISO9001:2000 Registered .
ACT320SMX-4
The ACT320SMX-4 is a low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a
ceramic base / metal lid package, seam welded for good long term reliability. The device has the
lid grounded via the package to reduce EMI issues. The wide frequency range and specification
options
ensure
suitability
for
many
applications.
.
APPLICATIONS:
Bluetooth, WLAN, PDA, Pagers, Card readers, Cellular, PC Accessories,
Notebook, Audio-visual, PCMCIA, MP3, Consumer & Communications.
Please specify
Please specify
Please specify
Specification
Condition
Please specify
Issue: 5 C1F
For quotations or further information please contact us at:
Please note that all parameters can not necessarily be specified in the same devic
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK.
http://www.actcrystals.com
(16,20 & 30pF Std. Please specify )
Table 1
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
** aging ±1.00ppm /year device available, to order, as a "semi-
custom" part - Please enquire.
@100V DC
(First year max @ 25°C)
(Custom available - Please enquire)
Drive Level Dependency
DLD
0.01, 0.1,1,10,100,500
μW steps
Connections
#1. Crystal
#2. Grounded to lid
#3. Crystal
#4. Grounded to lid
Pad Surface Material: Gold (Au)
14.000 ~ 14.999
100*
Fundamental / AT
15.000 ~ 19.999
60*
Fundamental / AT
20.000 ~ 50.000
50
Fundamental / AT
Freq. Range
ESR (
Ω )
max
(MHz)
Mode / Cut
Stability
Temp
Only available for
frequencies ≥30MHz
Available stabilities
Standard stabilities
-40~+85°C
-30~+80°C
-20~+70°C
-10+60°C
+/- 5ppm +/- 10ppm +/- 20ppm +/- 30ppm
-20~+85°C
+/- 50ppm
0~+50°C
1 of 2


Similar Part No. - ACT320SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT320SMX-4 ACT-ACT320SMX-4_12 Datasheet
319Kb / 3P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
18-7-2012
More results

Similar Description - ACT320SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT325SMX-4 ACT-ACT325SMX-4 Datasheet
283Kb / 3P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
17/12/06
ACT421LCSMX-4 ACT-ACT421LCSMX-4 Datasheet
138Kb / 2P
4 pad, high quality, low aging SMD Crystal
05/09/2006
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
4 pad, high quality, low aging SMD Crystal
01/02/06
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT753SMX-4 ACT-ACT753SMX-4 Datasheet
265Kb / 2P
4 pad, high quality, low aging SMD Crystal in a ceramic base
18/4/07
ACT320SMX-4 ACT-ACT320SMX-4_12 Datasheet
319Kb / 3P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
18-7-2012
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
ACT753SMX-4 ACT-ACT753SMX-4_12 Datasheet
154Kb / 3P
4 pad, high quality, low aging SMD Crystal in a ceramic base
18-7-2012
ACT3225GSMX-4 ACT-ACT3225GSMX-4 Datasheet
327Kb / 3P
low cost, 4 pad, high quality 3X2.5mm SMD Crystal
18-7-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com