Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT325SMX-4 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT325SMX-4
Description  low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT325SMX-4 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT325SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT325SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology ACT325SMX-4 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT325SMX-4 continued
Table 2
Maximum Re-flow Profile
Issue 1 SKr
Date: 17/12/06
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Stability
±10ppm
±15ppm
±20ppm
±30ppm
±50ppm
±100ppm
-10 ~+60
o C
-20 ~+60
o C
0 ~+60
o C
-10 ~+70
o C
-20 ~+70
o C
-30 ~+60
o C
-30 ~+70
o C
-20 ~+85
o C
-30 ~+85
o C
-40 ~+85
o C
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com