Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT381T Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT381T
Description  ange of four and six pad TCXOs and VCTCXOs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT381T Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT381T Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vdd
Internal Trimmer
Vout
Table 1 Frequency stability v temperature.
Positive / 5% or 10%
10K
Ω//10pF
The ACT381 family is a range of four and six pad TCXOs and VCTCXOs housed in a
Metal PCB based SMD package. In addition to this data sheet there is a separate
TCXO data sheet for a HCMOS/TTL version. It is therefore necessary to select the
output and the function to ensure that you receive the correct part. e.g. Clipped
Sinewave and TCXO or VCTCXO.
±3.0ppm min
Mechanical Frequency Trimming
VCTCXO Only
VCTCXO Only
Control Voltage
Vcntrl
1.65Vdc±1.35V
2.5Vdc±2.0V
VCTCXO Only
Δf/Vcntrl
±5ppm
±15ppm
-30 ~ 80°C
±0.3ppm max
Condition
-20 ~ 70°C
-30 ~ 75°C
10.00 ~ 30.00 MHz
Please refer to Table 1
-55 ~ 125°C
Specification
Frequency Stability
Δf/fo
Vin
3.3Vdc±5%
5.0V dc±5%
Specification
Parameter
Topr
Output Voltage
vs Load
vs Input Voltage
vs Operating Temp
Polarity / Linearity
±2.5
±2.0
0 ~ 50°C
-10 ~ 60°C
±1.5
Temp
±3.0
Stability
ppm
Customer to specify : Outline, Frequency, Output Type, Stability, Operating Temperature Range, Supply Voltage, Tuning Range.
±5.0
±3.5
Iop
Fa
Output Load
Aging
Supply Current
N/CL
Frequency Adjustment
0.7V p-p
1.0V p-p
Please specify
Please specify
Please refer to Table 1
±0.3ppm max
3mA max
±1ppm max Per year
Tel :
0044 (0)118 979 1238
email :
info@actcrystals.com
Fax :
0044 (0)118 979 1283
ACT381T-4(6) ACT381VT-4(6) TCXO / VCTCXO(Clipped Sinewave)
Symbol
Storage Temp Range
Supply Voltage
Frequency Range
Temp Operating Range
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please specify
Please specify
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
fo
Tstg
Issue: 6 D2
Date 15/11/05
Pad surface material
Au
1 of 1


Similar Part No. - ACT381T

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
388Kb / 3P
TCXO
07/10/2013
ACT381T-42700FABIBBXZC ACT-ACT381T-42700FABIBBXZC Datasheet
388Kb / 3P
TCXO
07/10/2013
ACT381T-42700FABIBBXZL ACT-ACT381T-42700FABIBBXZL Datasheet
388Kb / 3P
TCXO
07/10/2013
ACT381T-42700FABIBXXZC ACT-ACT381T-42700FABIBXXZC Datasheet
388Kb / 3P
TCXO
07/10/2013
More results

Similar Description - ACT381T

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
logo
Golledge Electronics Lt...
GSX-6B GOLLEDGE-GSX-6B Datasheet
563Kb / 5P
Four Pad SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com