Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5001CPSLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TL5001CPSLE
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5001CPSLE Datasheet(HTML) 2 Page - Texas Instruments

  TL5001CPSLE Datasheet HTML 1Page - Texas Instruments TL5001CPSLE Datasheet HTML 2Page - Texas Instruments TL5001CPSLE Datasheet HTML 3Page - Texas Instruments TL5001CPSLE Datasheet HTML 4Page - Texas Instruments TL5001CPSLE Datasheet HTML 5Page - Texas Instruments TL5001CPSLE Datasheet HTML 6Page - Texas Instruments TL5001CPSLE Datasheet HTML 7Page - Texas Instruments TL5001CPSLE Datasheet HTML 8Page - Texas Instruments TL5001CPSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic for typical application
TL5001/A
FB
COMP
VO
DTC
RT
VI
+
SCP
VCC
+
TPS1101
GND
8
7
6
5
2
1
3
4
VO
functional block diagram
GND
8
OUT
SCP
COMP
FB
5
3
4
–
+
DTC
RT
6
7
Comparator 2
SCP
PWM/DTC
Comparator
OSC
Comparator 1
SCP
Amplifier
Error
UVLO
VCC
2
1
1 V
1.5 V
1 V
Reference
Voltage
IDT
2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com