Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT630SMX-2 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT630SMX-2
Description  low aging 6x3.5mm SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT630SMX-2 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT630SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT630SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Table 2
Standard Re-flow Profile
Tape & Reel Specification (mm)
( 1K pcs each reel )
Issue 3 C1F
Date 24/01/07
ACT630SMX-2/4
A
TAPE
REEL
WWo
W1
Lo
L1Ho
H1
http://www.actcrystals.com
BCD
Tolerance
±0.3 ±0.05 ±0.1
±0.1
±0.1
±1
80
4.0
8.0
0.3
1.4
±0.05
178
±0.1
±1
Dimension
12.0
5.5
6.5
13.5
2.0
±0.2
±0.5
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Stability
Temp
Available
stabilities
Standard
stabilities
-40~+85°C
-30~+80°C
-20~+70°C
+/- 20ppm
-10+60°C
+/- 30ppm
+/- 50ppm
0~+50°C
+/- 5ppm
+/- 10ppm
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com